Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 35 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 35 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 31Page - Microchip Technology ZL30262LDF1 Datasheet HTML 32Page - Microchip Technology ZL30262LDF1 Datasheet HTML 33Page - Microchip Technology ZL30262LDF1 Datasheet HTML 34Page - Microchip Technology ZL30262LDF1 Datasheet HTML 35Page - Microchip Technology ZL30262LDF1 Datasheet HTML 36Page - Microchip Technology ZL30262LDF1 Datasheet HTML 37Page - Microchip Technology ZL30262LDF1 Datasheet HTML 38Page - Microchip Technology ZL30262LDF1 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 94 page
background image
ZL30260-ZL30263
Data Sheet
35
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
MCR1
Register Description:
Master Configuration Register 1
Register Address:
01h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
SRST
HRST
STOP
—
ROSCD
AINCDIS
ODMISO
—
Default
0
0
0
0
0
0
0
0
Bit 7: Soft Reset (SRST). This bit resets the entire device except for the microprocessor interface, the SRST bit
itself, the MCR1.HRST bit, the I2CA register, and CFGSR bits 5:0. When SRST is active, the register fields with pin-
programmed defaults do not latch their values from the corresponding input pins. When the SRST bit is asserted the
device’s auto-configuration boot controller is not started. See section 5.9.
0 = Normal operation
1 = Reset
Bit 6: Hard Reset (HRST). Asserting this bit is functionally equivalent to asserting the RSTN pin. The HRST bit
resets the entire device except for the microprocessor interface and the HRST bit itself. Register fields with pin-
programmed defaults latch their values from the corresponding input pins
, and the device’s auto-configuration boot
controller is started. See section 5.9.
0 = Normal operation
1 = Reset
Bit 5: Output Clock Stop (STOP). Asserting this bit stops all output clocks that are configured with
OCxSTOP.SRC=0001. Note that this signal is ORed with the per-output stop control bit in the STOPCR registers to
make each output’s internal stop control signal. See section 5.6.7.
Bit 3: Ring Oscillator Disable (ROSCD). This bit disables the ring oscillator. It can be set to 1 when auto-
configuration is complete. See section 5.3.4.
0 = Enable
1 = Disable (power-down)
Bit 1: Open Drain MISO Enable (ODMISO). This bit configures the MISO pin to be open-drain. When this bit is set,
the MISO pin only drives low and must have an external pullup resistor.
0 = Disable (MISO drives 0 and 1, high-impedance when not driven)
1 = Enable (MISO drives 0 only, high-impedance all other times)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com