Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 60 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 60 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 56Page - Microchip Technology ZL30262LDF1 Datasheet HTML 57Page - Microchip Technology ZL30262LDF1 Datasheet HTML 58Page - Microchip Technology ZL30262LDF1 Datasheet HTML 59Page - Microchip Technology ZL30262LDF1 Datasheet HTML 60Page - Microchip Technology ZL30262LDF1 Datasheet HTML 61Page - Microchip Technology ZL30262LDF1 Datasheet HTML 62Page - Microchip Technology ZL30262LDF1 Datasheet HTML 63Page - Microchip Technology ZL30262LDF1 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 94 page
background image
ZL30260-ZL30263
Data Sheet
60
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
AID1
Register Description:
APLL Increment/Decrement Register 1
Register Address:
119h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
AID[7:0]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: APLL Increment/Decrement (AID[7:0]). The full 32-bit AID[31:0] register spans this register through
AID4. It is an unsigned integer. There are two uses for this field: frequency increment/decrement, and spread
spectrum modulation. The two uses are mutually-exclusive, i.e. only one can be in use at a time.
For frequency increment/decrement, AID[23:0] x 27 is
added to the APLL’s feedback divider value each time the
trigger specified by AIDCR.FISS changes state. AID[23:0] x 27
is subtracted from the APLL’s feedback divider value
each time the trigger specified by AIDCR.FDSS changes state. AID[31:24] is ignored for frequency
increment/decrement. ACR1.USEFDIV must be set to 0 for this behavior. See section 5.5.7.
For spread spectrum modulation, the full 32-bit AID[31:0] value is subtracted (decremented) and added
(incremented) to the zero PPM value every APLL input clock cycle for the number of clock cycles specified by the
ASCNT registers. The zero PPM value is the nominal AFBDIV register value (when ACR1.USEFDIV=0) or the
nominal fractional output divider value (when ACR1.USEFDIV=1). See section 5.5.8.
Register Name:
AID2
Register Description:
APLL Increment/Decrement Register 2
Register Address:
11Ah
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
AID[15:8]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: APLL Increment/Decrement (AID[15:8]). See the AID1 register description.
Register Name:
AID3
Register Description:
APLL Increment/Decrement Register 3
Register Address:
11Bh
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
AID[23:16]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: APLL Increment/Decrement (AID[23:16]). See the AID1 register description.
Register Name:
AID4
Register Description:
APLL Increment/Decrement Register 4
Register Address:
11Ch
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
AID[31:24]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: APLL Increment/Decrement (AID[31:24]). See the AID1 register description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com