Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 53 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 53 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 49Page - Microchip Technology ZL30262LDF1 Datasheet HTML 50Page - Microchip Technology ZL30262LDF1 Datasheet HTML 51Page - Microchip Technology ZL30262LDF1 Datasheet HTML 52Page - Microchip Technology ZL30262LDF1 Datasheet HTML 53Page - Microchip Technology ZL30262LDF1 Datasheet HTML 54Page - Microchip Technology ZL30262LDF1 Datasheet HTML 55Page - Microchip Technology ZL30262LDF1 Datasheet HTML 56Page - Microchip Technology ZL30262LDF1 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
ZL30260-ZL30263
Data Sheet
53
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
ACR4
Register Description:
APLL Configuration Register 4
Register Address:
103h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
DECPH
PDSS[2:0]
INCPH
PISS[2:0]
Default
0
0
0
0
0
0
0
0
Bit 7: Decrement Phase (DECPH). When PDSS=000, this bit is the APLL phase decrement control signal. See
section 5.5.9.
Bits 6 to 4: Phase Decrement Source Select (PDSS[2:0]). This field specifies the APLL phase decrement control
signal. Every low-to-high transition and every high-to-low transition of the si
gnal decrements the APLL’s output
phase. See section 5.5.9.
000 = DECPH bit
001 = GPIO0
010 = GPIO1
011 = GPIO2
100 = GPIO3
101 to 111 = {unused values}
Bit 3: Increment Phase (INCPH). When PISS=000, this bit is the APLL phase increment control signal. See section
5.5.9.
Bits 2 to 0: Phase Increment Source Select (PISS[2:0]). This field specifies the APLL phase increment control
signal. Every low-to-high transition and every high-to-low transition of the si
gnal increments the APLL’s output phase.
See section 5.5.9.
000 = INCPH bit
001 = GPIO0
010 = GPIO1
011 = GPIO2
100 = GPIO3
101 to 111 = {unused values}
Register Name:
AFBDL
Register Description:
APLL Feedback Divider Write Length
Register Address:
105h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
EXTFB
FBSEL[1:0]
RDCUR
—
AFBDL[2:0]
Default
0
0
0
0
0
1
0
1
Bit 7: External Feedback Enable (EXTFB).
0 = Internal feedback through the APLL’s fractional feedback divider
1 = External feedback (typically for output vs. input phase alignment)
Bits 6 to 5: External Feedback Select (FBSEL[1:0]). When EXTFB=1, this field specifies the external feedback
path.
00 = from any OCx output through external path to IC1 input
to APLL’s feedback input
01 = from any OCx output through external path to IC2 input
to APLL’s feedback input
10 = from any OCx output through external path to IC3 input
to APLL’s feedback input
11 = from OC1 output through internal (on-die) path
to APLL’s feedback input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com