Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 32 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 32 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 28Page - Microchip Technology ZL30262LDF1 Datasheet HTML 29Page - Microchip Technology ZL30262LDF1 Datasheet HTML 30Page - Microchip Technology ZL30262LDF1 Datasheet HTML 31Page - Microchip Technology ZL30262LDF1 Datasheet HTML 32Page - Microchip Technology ZL30262LDF1 Datasheet HTML 33Page - Microchip Technology ZL30262LDF1 Datasheet HTML 34Page - Microchip Technology ZL30262LDF1 Datasheet HTML 35Page - Microchip Technology ZL30262LDF1 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 94 page
background image
ZL30260-ZL30263
Data Sheet
32
© 2021 Microchip Technology Inc.
DS20006554A
ADDR
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
41
GPIOSR
GPIO3L
GPIO2L
GPIO1L
GPIO0L
GPIO3
GPIO2
GPIO1
GPIO0
42
INTSR
—
—
OC
IC
—
APLL
INTIE
INT
43
GLOBISR
BCDONE
—
—
—
GPIO3IE
GPIO2IE
GPIO1IE
GPIO0IE
44
ICISR
—
—
—
—
XA
IC3
IC2
IC1
45
OCISR1
OC8
OC7
OC6
OC5
OC4
OC3
OC2
OC1
46
OCISR2
—
—
—
—
—
—
OC10
OC9
47
APLLISR
—
—
—
—
—
—
—
APLL
48
APLLSR
AIFLL
AIFL
AIFHL
AIFH
ALKL
ALK
—
SELREF
49
P2SR
—
—
—
—
—
—
—
SELREF
4A
APLLIE
AIFLIE
—
AIFHIE
—
ALKIE
—
—
—
4C
XASR
—
—
—
—
XAIE
XAVL
XAV
—
4D
IC1SR
—
—
—
—
ICVIE
ICVL
ICV
—
4E
IC2SR
—
—
—
—
ICVIE
ICVL
ICV
—
4F
IC3SR
—
—
—
—
ICVIE
ICVL
ICV
—
50
OC1SR
LSCLKIE
LSCLKL
LSCLK
STARTIE
STARTL
STOPIE
STOPL
STOPD
51
OC2SR
LSCLKIE
LSCLKL
LSCLK
STARTIE
STARTL
STOPIE
STOPL
STOPD
52
OC3SR
LSCLKIE
LSCLKL
LSCLK
STARTIE
STARTL
STOPIE
STOPL
STOPD
53
OC4SR
LSCLKIE
LSCLKL
LSCLK
STARTIE
STARTL
STOPIE
STOPL
STOPD
54
OC5SR
LSCLKIE
LSCLKL
LSCLK
STARTIE
STARTL
STOPIE
STOPL
STOPD
55
OC6SR
LSCLKIE
LSCLKL
LSCLK
STARTIE
STARTL
STOPIE
STOPL
STOPD
56
OC7SR
LSCLKIE
LSCLKL
LSCLK
STARTIE
STARTL
STOPIE
STOPL
STOPD
57
OC8SR
LSCLKIE
LSCLKL
LSCLK
STARTIE
STARTL
STOPIE
STOPL
STOPD
58
OC9SR
LSCLKIE
LSCLKL
LSCLK
STARTIE
STARTL
STOPIE
STOPL
STOPD
59
OC10SR
LSCLKIE
LSCLKL
LSCLK
STARTIE
STARTL
STOPIE
STOPL
STOPD
APLL Configuration Registers
100
ACR1
ENFID
DALIGN
EXTSS[1:0]
USEFDIV
ENFDIV
BYPASS
INDBL
101
ACR2
—
—
—
—
INTDIV[3:0]
102
ACR3
INMON
EXTSW
ALTMUX[2:0]
APLLMUX[2:0]
103
ACR4
DECPH
PDSS[2:0]
INCPH
PISS[2:0]
105
AFBDL
EXTFB
FBSEL[1:0]
RDCUR
—
AFBDL[2:0]
106
AFBDIV1
AFBDIV[7:0]
107
AFBDIV2
AFBDIV[15:8]
108
AFBDIV3
AFBDIV[23:16]
109
AFBDIV4
AFBDIV[31:24]
10A
AFBDIV5
AFBDIV[39:32]
10B
AFBDIV6
—
—
—
—
—
—
AFBDIV[41:40]
10C
AFBDEN1
AFBDEN[7:0]
10D
AFBDEN2
AFBDEN[15:8]
10E
AFBDEN3
AFBDEN[23:16]
10F
AFBDEN4
AFBDEN[31:24]
110
AFBREM1
AFBREM[7:0]
111
AFBREM2
AFBREM[15:8]
112
AFBREM3
AFBREM[23:16]
113
AFBREM4
AFBREM[31:24]
114
AFBBP
AFBBP[7:0]
115
AIDCR
DECF
FDSS[2:0]
INCF
FISS[2:0]
116
ASCR
—
CNTEN[1:0]
DWNEN
ENSS
SPRDSS[2:0]
117
ASCNT1
ASCNT[7:0]
118
ASCNT2
ASCNT[15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com