Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP2442ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Data Sheet
ADP2442
Rev. B | Page 25 of 36
In this example, the values listed in Table 12 are substituted for
the variables in Equation 12 and Equation 13.
Table 12. Requirements
Parameter
Test Conditions/Comments
Value
Ripple Current
Fixed at 0.3 A for the ADP2442
0.3 A
Voltage Ripple
1% of VOUT
50 mV
Voltage Droop Due
to Load Transient
2% of VOUT
100 mV
ESR
5 mΩ
fSW
700 kHz
The calculation based on the output voltage ripple (see
Equation 12) dictates that the minimum output capacitance is
μF
1
.
1
)
mΩ
5
A
3
.
0
mV
50
(
kHz
700
8
A
3
.
0
)
(
MIN
OUT
C
Whereas the calculation based on the transient load (see
Equation 13) dictates that the minimum output capacitance is
F
22
V
1
.
0
kHz
700
3
5
.
0
)
(
MIN
OUT
C
To meet both requirements, use the value determined by the
latter equation. As shown in Figure 60, capacitance degrades
with dc bias; therefore, choose a capacitor that is 1.5 times the
calculated value.
COUT = 1.5 × 22 μF = 32 μF
Compensation Selection
Calculate the compensation component values for the feedback
loop using the following equations:
REF
OUT
OUT
CS
m
CROSSOVER
COMP
V
V
C
G
g
f
R
2
9
.
0
COMP
ZERO
COMP
R
f
C
2
1
Selecting the crossover frequency to be 1/12 of the switching
frequency and placing the zero frequency at 1/8 of the crossover
frequency ensures that there is adequate phase margin in
the system.
Table 13. Calculated Parameter Value
Parameter
Test Conditions/Comments
Value
fCROSSOVER
1/12 of fSW
58.3 kHz
fZERO
1/8 of fCROSSOVER
7.3 kHz
VREF
Fixed reference
0.6 V
gm
Transconductance of error
amplifier
250 μA/V
GCS
Current sense gain
2 A/V
COUT
Output capacitor
22 μF
VOUT
Output voltage
5 V
Based on the values listed in Table 13, calculate the compen-
sation value:
kΩ
121
6
.
0
5
22
2
250
3
.
58
2
9
.
0
COMP
R
The closest standard resistor value is 118 kΩ. Therefore,
pF
180
pF
185
118
3
.
7
2
1
COMP
C
SYSTEM CONFIGURATION
Configure the system as follows; though the steps are not
sequential, they all must be completed:
Connect a capacitor of 1 μF between the VCC and PGND
pins and another capacitor of 1 μF between the VCC and
AGND pins. For best performance, use ceramic X5R or
X7R capacitors with a 25 V voltage rating.
Connect a ceramic capacitor of 10 nF with a 50 V voltage
rating between the BST and SW pins.
Connect a resistor between the FREQ and AGND pins as
close as possible to the IC.
If using the power-good feature, connect a 50 kΩ pull-up
resistor to a 5 V external supply.
For synchronization, connect an external clock with a
frequency of 700 kHz to the SYNC/MODE pin. Connect
the external clock to AGND to activate pulse skip mode or
connect it to VCC for forced fixed frequency mode.
See Figure 63 for a schematic of this design example and Table 14
for the calculated component values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com