Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP2442ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
ADP2442
Rev. B | Page 21 of 36
Table 8. Inductor Values for Various VIN, VOUT, and fSW
Combinations
Inductor Values
fSW (kHz)
VIN (V)
VOUT (V)
Min (μH)
Max (μH)
300
12
3.3
22
27
300
12
5
27
33
300
24
3.3
27
33
300
24
5
39
47
300
24
12
56
68
300
36
3.3
27
33
300
36
5
39
47
300
36
12
68
82
600
12
3.3
12
15
600
12
5
15
18
600
24
3.3
15
18
600
24
5
18
22
600
24
12
27
33
600
36
3.3
15
18
600
36
5
22
27
1000
12
5
6.8
10
1000
24
5
10
12
1000
24
12
18
22
1000
36
5
12
15
To avoid inductor saturation and ensure proper operation, choose
the inductor value so that neither the saturation current nor the
maximum temperature rated current ratings are exceeded.
Inductor manufacturers specify both of these ratings in data
sheets, or the rating can be calculated as follows:
2
)
(
_
L
MAX
LOAD
PEAK
L
I
I
I
(10)
where:
ILOAD (MAX) is the maximum dc load current.
ΔIL is the peak-to-peak inductor ripple current.
IL_PEAK is the peak inductor current.
Table 9. Recommended Inductors
Value (μH)
Small Inductors
(<10 mm × 10 mm)
Large Inductors
(>10 mm × 10 mm)
10
XAL4040-103ME
MSS1260
18
LPS6235-183ML
MSS1260
33
LPS6235-33ML
MSS1260
15
XAL4040-153ME
MSS1260
Output Capacitor Selection
The output capacitor selection affects both the output voltage
ripple and the loop dynamics of the regulator. The ADP2442 is
designed to operate with small ceramic output capacitors that
have low ESR and ESL; therefore, the device easily meets tight
output voltage ripple specifications. For best performance, use
X5R or X7R dielectric capacitors with a voltage rating that is
1.5 times the output voltage and avoid using Y5V and Z5U
dielectric capacitors, which have poor temperature and dc bias
characteristics. Table 10 lists recommended capacitors from
Murata and Taiyo Yuden.
Table 10. Recommended Output Capacitors
Vendor
Capacitor
Murata
Taiyo Yuden
10 μF/25 V
GRM32DR71E106KA12L
TMK325B7106KN-TR
22 μF/25 V
GRM32ER71E226KE15L
TMK325B7226MM-TR
47 μF/6.3 V
GCM32ER70J476KE19L
JMK325B7476MM-TR
4.7 μF/50 V
GRM31CR71H475KA12L
UMK325B7475MMT
For acceptable maximum output voltage ripple, determine the
minimum output capacitance, COUT (MIN), as follows:
)
(
8
1
MIN
OUT
SW
L
RIPPLE
C
f
ESR
I
V
(11)
Therefore,
)
(
8
)
(
ESR
I
V
f
I
C
L
RIPPLE
SW
L
MIN
OUT
(12)
where:
ΔVRIPPLE is the allowable peak-to-peak output voltage ripple.
ΔIL is the inductor ripple current.
ESR is the equivalent series resistance of the capacitor.
fSW is the switching frequency of the regulator.
When there is a step load requirement, choose the output
capacitor value based on the value of the step load. Use the
following equation to determine the maximum acceptable
output voltage droop/overshoot caused by the step load:


DROOP
SW
STEP
OUT
MIN
OUT
V
f
I
C
3
)
(
)
(
(13)
where:
ΔIOUT (STEP) is the load step.
fSW is the switching frequency of the regulator.
ΔVDROOP is the maximum allowable output voltage droop/overshoot.
Select the larger of the output capacitances derived from
Equation 12 and Equation 13. When choosing the type of ceramic
capacitor for the output filter of the regulator, select a capacitor
with a nominal capacitance that is 20% to 30% larger than the
calculated value because the effective capacitance degrades with dc
voltage and temperature. Figure 60 shows the capacitance loss
resulting from the dc bias voltage for two capacitors (X7R MLCC
capacitors from Murata are shown in Figure 60).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com