Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2442ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADP2442
Data Sheet
Rev. B | Page 16 of 36
THEORY OF OPERATION
The ADP2442 is a fixed frequency, current mode control, step-
down, synchronous switching regulator that is capable of driving
1 A loads. The device operates with a wide input voltage range
from 4.5 V to 36 V, and its output is adjustable from 0.6 V to
0.9 V × VIN. The integrated high-side N-channel power MOSFET
and the low-side N-channel power MOSFET yield high efficiency
at medium to heavy loads. Pulse skip mode is available to improve
efficiency at light loads.
The ADP2442 includes programmable features, such as output
voltage, switching frequency, and power good. These features
are programmed externally via tiny resistors and capacitors. The
ADP2442 also includes protection features, such as UVLO with
hysteresis, output short-circuit protection, and thermal shutdown.
CONTROL ARCHITECURE
The ADP2442 is based on an emulated peak current mode control
architecture. The ADP2442 can operate in both fixed frequency
and pulse skip modes.
Fixed Frequency Mode
A basic block diagram of the control architecture is shown in
Figure 52. The ADP2442 can be configured in fixed frequency
mode. The output voltage, VOUT, is sensed on the feedback pin, FB.
An error amplifier integrates the error between the feedback
voltage (VFB) and the reference voltage (VREF = 0.6 V) to generate
an error voltage at the COMP pin.
A current sense amplifier senses the valley inductor current (IL)
during the off period when the low-side power MOSFET is on
and the high-side power MOSFET is off. An internal oscillator
initiates a pulse-width modulation (PWM) pulse to turn off the
low-side power MOSFET and turn on the high-side power
MOSFET at a fixed switching frequency.
When the high-side N-channel power MOSFET is enabled, the
valley inductor current information is added to an emulated
ramp signal and the PWM comparator compares this value to
the error voltage on the COMP pin. The output of the PWM
comparator modulates the duty cycle by adjusting the trailing
edge of the PWM pulse that turns off the high-side power
MOSFET and turns on the low-side power MOSFET.
Slope compensation is programmed internally into the emulated
ramp signal and is automatically selected, depending on the
input voltage, output voltage, and switching frequency. This
prevents subharmonic oscillations for near or greater than 50%
duty cycle operation. The one restriction of this feature is that
the inductor ripple current must be set between 0.2 A and 0.5 A
to provide sufficient current information to the loop.
Figure 52. Control Architecture Block Diagram
Pulse Skip Mode
The ADP2442 pulse skip mode is enabled by connecting the
SYNC/MODE pin to AGND. In this mode, the pulse skip circuitry
turns on during light loads, switching only as necessary to keep the
output voltage within regulation. This mode allows the regulator to
maintain high efficiency during operation with light loads by
reducing switching losses. The pulse skip circuitry includes a
comparator, which compares the COMP voltage to a fixed pulse
skip threshold.
Figure 53. Pulse Skip Comparator
With light loads, the output voltage discharges at a very slow rate
(load dependent). When the output voltage is within regulation,
the device enters sleep mode and draws a very small quiescent
current. As the output voltage drops below the regulation voltage,
the COMP voltage rises above the pulse skip threshold. The
device wakes up and begins switching until the output voltage
is within regulation.
As the load increases, the settling value of the COMP voltage
increases. At a particular load, COMP settles above the pulse
skip threshold, and the device enters the fixed frequency mode.
Therefore, the load current at which COMP exceeds the pulse
skip threshold is defined as the pulse skip current threshold; the
value varies with the duty cycle and the inductor ripple current.
The measured value of pulse skip threshold over VIN is shown in
Figure 19, Figure 20, and Figure 21.
COMPARATOR
S
R
REF
DRIVER
CLOCK
COMP
VRAMP
VFB
VOUT
VIN
PWM
IL
RSWL × IL
VC
SENSE_
OUT
Q
Q
RAMP
EMULATION
BLOCK
GCS
gM
COMP
CONTROL
LOGIC
ADP2442
PULSE SKIP
THRESHOLD
1V
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com