Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2442ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
ADP2442
Rev. B | Page 13 of 36
Figure 40. Load Transient Response, VIN = 24 V, VOUT = 12 V, fSW = 300 kHz,
SYNC/MODE = Clock, Load Step = 500 mA
Figure 41. Load Transient Response,
VIN = 24 V, VOUT = 12 V, fSW = 600 kHz, Load Step = 500 mA
Figure 42. Power-Good Startup,
VIN = 24 V, VOUT = 5 V, fSW = 700 kHz
Figure 43. Power-Good Shutdown, VIN = 24 V, VOUT = 5 V, fSW = 700 kHz
Figure 44. Startup with VIN, Pulse Skip Mode, VIN = 36 V, VOUT = 5 V,
fSW = 700 kHz, No Load, SYNC/MODE = AGND
Figure 45. Startup with VIN, PWM Mode, VIN = 36 V, VOUT = 5 V, fSW = 700 kHz,
Load = 5 Ω, SYNC/MODE = VCC
T 28.80%
CH1 200mV
B
W
CH4 500mA Ω BW
M200µs
A CH4
260mA
VOUT
LOAD
VIN = 24V
VOUT = 12V
fSW = 300kHz
4
1
CH1 200mV
B
W
CH4 500mA Ω
M200µs
A CH4
600mA
1
4
VOUT
LOAD
VIN = 24V
VOUT = 12V
fSW = 600kHz
LOAD STEP = 500mA
T 20.80%
CH1 2.00V BW
CH2 2.00V
CH3 5.00V BW
M2.00ms
A CH3
2.80V
VOUT
PGOOD
EN
VIN = 24V
VOUT = 5V
fSW = 700kHz
PULL-UP 100kΩ
3
1
2
T 40.20%
CH1 2.00V BW
CH2 2.00V
CH3 5.00V BW
M1.00ms
A CH3
2.80V
VOUT
EN
VIN = 24V
VOUT = 5V
fSW = 700kHz
PULL-UP 100kΩ
3
1
2
PGOOD
T 7.80%
CH1 2.00V BW
CH2 10.0V
CH3 10.0V BW
M2.00ms
A CH3
6.00V
3
VOUT
VIN
SW
VIN = 36V
VOUT = 5V
fSW = 700kHz
NO LOAD
SYNC/MODE = AGND
1
2
T 7.80%
CH1 2.00V BW
CH2 10.0V
CH3 10.0V BW
M2.00ms
A CH3
6.00V
3
VOUT
VIN
VIN = 36V
VOUT = 5V
fSW = 700kHz
1
2
LOAD = 5Ω
SYNC/MODE = VCC
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com