Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2442ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ADP2442
Data Sheet
Rev. B | Page 12 of 36
Figure 34. PWM Mode
VIN = 24 V, VOUT = 5 V, fSW = 700 kHz, Load = No Load, SYNC/MODE = VCC
Figure 35. PWM Mode with External Clock, VIN = 24 V, VOUT = 5 V,
fSW = 700 kHz, Load = 5 Ω, SYNC/MODE = Clock
Figure 36. External Clock Synchronization,
VIN = 24 V, VOUT = 5 V, fSW = 700 kHz, SYNC/MODE = Clock
Figure 37. Hiccup Mode, VIN = 24 V, VOUT = 5 V, fSW = 700 kHz,
Output Shorted to PGND
Figure 38. Load Transient Response, VIN = 24 V, VOUT = 5 V, fSW = 700 kHz,
SYNC/MODE = Clock, Load Step = 500 mA
Figure 39. Load Transient Response,
VIN = 12 V, VOUT = 5 V, fSW = 300 kHz, Load Step = 500 mA
CH1 20.0mV
B
W CH2 10.0V
CH4 500mA Ω BW
M1.00µs A CH4
–30mA
2
T 50.40%
VIN = 24V
VOUT = 5V
fSW = 700kHz
NO LOAD
SYNC/MODE = VCC
VOUT
INDUCTOR CURRENT
SW
1
4
CH1 20.0mV
B
W CH2 10.0V
CH4 500mA Ω BW
M1.00µs A CH4
960mA
1
4
2
T 50.40%
VOUT
INDUCTOR CURRENT
SW
VIN = 24V
VOUT = 5V
fSW = 700kHz
LOAD = 5Ω
SYNC/MODE = CLOCK
CH1 20.0mV
CH3 2.00V BW
CH2 10.0V M1.00µs
A CH2
9.80V
T 50.40%
SW
B
W
EXTERNAL CLOCK
VIN = 24V VOUT = 5V fSW = 700kHz
VOUT
1
2
3
CH1 200mV BW
CH2 10.0V
CH4 1.00A Ω BW
M2.00ms A CH1
100mV
1
4
2
T 50.40%
VOUT
INDUCTOR CURRENT
SW
T 28.80%
CH1 100mV
B
W
CH4 500mA Ω BW
M200µs
A CH4
430mA
VOUT
LOAD
VIN = 24V
VOUT = 5V
fSW = 700kHz
4
1
CH1 100mV
B
W
CH4 500mA Ω
M200µs
A CH4
690mA
1
4
VOUT
LOAD
VIN = 12V
VOUT = 5V
fSW = 300kHz
LOAD STEP = 500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com