Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP2442ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ADP2442
Data Sheet
Rev. B | Page 26 of 36
TYPICAL APPLICATION CIRCUITS
DESIGN EXAMPLE
Figure 63. Typical Application Circuit, VIN = 24 V ± 10%, VOUT = 5 V, fSW = 700 kHz
Table 14. Calculated Component Values for Figure 63
Quantity
Reference
Value
Description
Part Number
2
C1, C2
4.7 µF
Capacitor ceramic, X7R, 50 V
GRM31CR71H475KA12L
2
C3, C4
1 µF
Capacitor ceramic, 1 µF, 25 V, X7R, 10%, 0603
GRM188R71E105KA12D
2
C5
10 nF
Capacitor ceramic, 10 nF, 50 V, 10%, X7R, 603
ECJ-1VB1H103K
1
C7
22 µF
Capacitor ceramic, 22 µF, 25 V, X7R, 1210
GRM32ER71E226K
1
C8
10 µF
Capacitor ceramic, 10 µF, 25 V, X7R, 1210
GRM32DR71E106KA12L
1
L1
18.3 µH
Inductor
CoilCraft MSS1260T-183NLB
1
C6
0.1 µF
Capacitor ceramic, 0.1 µF, 50 V, X7R, 0805
ECJ-2FB1H104K
1
C10
185 pF
Capacitor ceramic, 50 V
Determined by user
1
R9
132 kΩ
Resistor, 1/10 W, 1%, 0603, SMD
Determined by user
1
R5
118 kΩ
Resistor, 1/10 W, 1%, 0603, SMD
Determined by user
1
R2
74 kΩ
Resistor, 1/10 W, 1%, 0603, SMD
Determined by user
2
R3
10 kΩ
Resistor, 1/10 W, 1%, 0603, SMD
Determined by user
1
R7
50 kΩ
Resistor, 1/10 W, 1%, 0603, SMD
Determined by user
VIN:
24V
FB
COMP
EN
PGND
VIN
SW
ADP2442
VOUT:
5V, 1A
C3
1µF/25V
C4
1µF/25V
L1
18.3µH
R9
132kΩ
R7
50kΩ
VCC
PGOOD
R5
118kΩ
C6
0.1µF
C7
22µF/
25V
C2
4.7µF/
50V
C1
4.7µF/
50V
C5
10nF/50V
C10
185pF
R3
10kΩ
C8
10µF/
25V
R2
74kΩ
CLOCK:
700k±30%
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com