Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2442ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
ADP2442
Data Sheet
Rev. B | Page 18 of 36
Figure 56. Precision Enable Used as a Programmable UVLO
CURRENT-LIMIT AND SHORT-CIRCUIT PROTECTION
The ADP2442 has a current-limit comparator that compares the
current sensed across the low-side power MOSFET to the
internally set reference current. If the sensed current exceeds the
reference current, the high-side power MOSFET does not turn
on in the next cycle and the low-side power MOSFET stays on until
the inductor current ramps down below the current-limit level.
If the output is overloaded and the peak inductor current exceeds
the preset current limit for more than eight consecutive clock
cycles, the hiccup mode current-limit condition occurs. The
output goes to sleep for 6 ms, during which time the output
discharges, the average power dissipation reduces, and the device
wakes up with a soft start period. If the current-limit condition
is triggered again, the output goes to sleep and wakes up after 6 ms.
Figure 37 shows the current-limit hiccup mode when the output is
shorted to ground.
THERMAL SHUTDOWN
If the ADP2442 junction temperature rises above 150°C, the
thermal shutdown circuit turns off the switching regulator. Extreme
junction temperatures can be the result of high current operation,
poor circuit board design, or high ambient temperature. A 25°C
hysteresis is included so that when a thermal shutdown occurs,
the ADP2442 does not return to normal operation until the
junction temperature drops below 125°C. Soft start is active
upon each restart cycle.
VIN
EN
FREQ AGND COMP
SW
ADP2442
R1
R2
VOUT
VIN
BST
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com