Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP2442ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
ADP2442
Rev. B | Page 5 of 36
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN to PGND
−0.3 V to +40 V
EN to AGND
−0.3 V to +40 V
SW to PGND
−0.3 V to +40 V
BST to PGND
−0.3 V to +45 V
VCC to AGND
−0.3 V to +6 V
BST to SW
−0.3 V to +6 V
FREQ, PGOOD, SYNC/MODE, COMP,
FB to AGND
−0.3 V to +6 V
PGND to AGND
±0.3 V
Operating Junction Temperature
Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
260°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages based on
a 4-layer standard JEDEC board.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
12-Lead LFCSP
40
2.4
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com