Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP2442ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Data Sheet
ADP2442
Rev. B | Page 31 of 36
POWER DISSIPATION AND THERMAL CONSIDERATIONS
POWER DISSIPATION
The efficiency of a dc-to-dc regulator is
%
100
×
=
IN
OUT
P
P
Efficiency
(26)
where:
PIN is the input power.
POUT is the output power.
The power loss of a dc-to-dc regulator is
PLOSS = PIN − POUT
There are four main sources of power loss in a dc-to-dc regulator
•
Inductor losses
•
Power switch conduction losses
•
Switching losses
•
Transition losses
Inductor Losses
Inductor conduction losses are caused by the flow of current
through the inductor DCR (internal resistance). The inductor
power loss (excluding core loss) is
PL = IOUT2 × DCRL
(27)
Power Switch Conduction Losses
Power switch conduction losses are caused by the output current,
IOUT, flowing through the N-channel MOSFET power switches
that have internal resistance, RDS(ON). The amount of power loss
can be approximated as follows:
PCOND = [RDS(ON) − HIGH SIDE × D + RDS(ON) − LOW SIDE × (1 − D)] × IOUT2(28)
Switching Losses
Switching losses are associated with the current drawn by the
driver to turn the power devices on and off at the switching
frequency. Each time a power device gate is turned on and off,
the driver transfers a charge (∆Q) from the input supply to the
gate and then from the gate to ground.
The amount of switching loss can by calculated as follows:
PSW = QG_TOTAL × VIN × fSW
(29)
where:
QG_TOTAL is the total gate charge of both the high-side and low-
side devices and is approximately 18 nC. fSW is the switching
frequency.
Transition Losses
Transition losses occur because the N-channel MOSFET power
switch cannot turn on or off instantaneously. During a switch
node transition, the power switch provides all of the inductor
current, and the source-to-drain voltage of the power switch is
half the input, resulting in power loss. Transition losses increase
as the load current and input voltage increase; these losses
occur twice for each switching cycle.
The transition losses can be calculated as follows:
SW
OFF
ON
OUT
IN
TRANS
f
t
t
I
V
P
)
(
2
+
×
×
=
(30)
where tON and tOFF are the rise time and fall time of the switch
node and are each approximately 10 ns for a 24 V input.
THERMAL CONSIDERATIONS
The power dissipated by the regulator increases the die junction
temperature, TJ, above the ambient temperature, TA, as follows:
TJ = TA + TR
(31)
where the temperature rise, TR, is proportional to the power
dissipation, PD, in the package.
The proportionality coefficient is defined as the thermal
resistance from the junction temperature of the die to the
ambient temperature, as follows:
TR = θJA + PD
(32)
where θJA is the junction-to-ambient thermal resistance and
equals 40°C/W for the JEDEC board (see Table 3).
When designing an application for a particular ambient
temperature range, calculate the expected ADP2442 power
dissipation (PD) due to the conduction, switching, and transition
losses using Equation 28, Equation 29, and Equation 30, and
then estimate the temperature rise using Equation 31 and
Equation 32. Improved thermal performance can be achieved
by good board layout.
For example, on the ADP2442 evaluation board (ADP2442-
EVALZ), the measured θJA is <30°C/W. Thermal performance of
the ADP2442-EVALZ evaluation board is shown in Figure 68
and Figure 69.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com