Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP2442ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADP2442
Data Sheet
Rev. B | Page 32 of 36
EVALUATION BOARD THERMAL PERFORMANCE
Figure 68. Junction Temperature vs. Power Dissipation Based on
ADP2442-EVALZ
Figure 69. Maximum Ambient Temperature vs. Power Dissipation Based on
ADP2442-EVALZ
25
30
35
40
45
50
55
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IC POWER DISSIPIATION (W)
TA = 25°C
25
45
65
85
105
125
145
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IC POWER DISSIPIATION (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com