Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2442ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Data Sheet
ADP2442
Rev. B | Page 19 of 36
APPLICATIONS INFORMATION
ADIsimPOWER DESIGN TOOL
The ADP2442 is supported by the ADIsimPower design tool
set. ADIsimPower is a collection of tools that produce complete
power designs optimized to a specific design goal. These tools
allow the user to generate a full schematic, bill of materials, and
calculate performance in minutes. ADIsimPower can optimize
designs for cost, area, efficiency, and device count while taking
into consideration the operating conditions and limitations of
the IC and all real external components. Find the ADIsimPower
tool at www.analog.com/adisimpower and the user can request an
unpopulated board through the tool.
SELECTING THE OUTPUT VOLTAGE
The output voltage is set using a resistor divider connected between
the output voltage and the FB pin (see Figure 57). The resistor
divider divides down the output voltage to the 0.6 V FB regulation
voltage. The output voltage can be set to as low as 0.6 V and as
high as 90% of the power input voltage.
Figure 57. Voltage Divider
The ratio of the resistive voltage divider sets the output voltage, and
the absolute value of the resistors sets the divider string current.
When calculating the resistor values for lower divider string
currents, take into account the small 50 nA (0.1 μA maximum)
FB bias current. The FB bias current can be ignored for a higher
divider string current; however, using small feedback resistors
degrades efficiency at very light loads.
To limit degradation of the output voltage accuracy due to FB
bias current to less than 0.005% (0.5% maximum), ensure that
the divider string current is greater than 20 μA. To calculate the
desired resistor values, first determine the value of the bottom
resistor, RBOTTOM, as follows:
STRING
REF
BOTTOM
I
V
R
=
(1)
where:
VREF is the internal reference and equals 0.6 V.
ISTRING is the resistor divider string current.
Next, calculate the value of the top resistor, RTOP, as follows:


×
=
REF
REF
OUT
BOTTOM
TOP
V
V
V
R
R
(2)
Table 6. Output Voltage Selection
Voltage (V)
RTOP (kΩ)
RBOTTOM (kΩ)
12
190
10
5
73
10
3.3
45
10
1.2
10
10
SETTING THE SWITCHING FREQUENCY
The choice of the switching frequency depends on the required
dc-to-dc conversion ratio and is limited by the minimum and
maximum controllable duty cycle, as shown in Figure 58. This
limitation is due to the requirement of minimum on time and
minimum off time for current sensing and robust operation.
However, the choice is also influenced by whether there is a need
for small external components. For example, higher switching
frequencies are required for small, area limited power solutions.
Figure 58. Duty Cycle vs. Switching Frequency
Calculate the value of the frequency resistor by using the
following equation:
SW
FREQ
f
R
500
,
92
=
(3)
where RFREQ is in kΩ and fSW is in kHz.
Table 7 and Figure 59 provide examples of frequency resistor
values that are based on the switching frequency.
Table 7. Frequency Resistor Selection
RFREQ
Frequency
308 kΩ
300 kHz
132 kΩ
700 kHz
92.5 kΩ
1 MHz
ADP2442
FB
RTOP
RFREQ
VOUT
RBOTTOM
PGOOD
EXTERNAL
SUPPLY
FREQ
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
1200
FREQUENCY (kHz)
DMAX
DMIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com