Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP2442ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Data Sheet
ADP2442
Rev. B | Page 33 of 36
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Good printed circuit board (PCB) layout is essential for obtaining
optimum performance. Poor PCB layout degrades the output
voltage ripple; the load, line, and feedback regulation; and the
EMI and electromagnetic compatibility performance. For
optimum layout, refer to the following guidelines:
Use separate analog and power ground planes. Connect the
ground reference of sensitive analog circuitry, such as the
output voltage divider component and the compensation
and frequency resistor, to analog ground. In addition, connect
the ground references of power components, such as input
and output capacitors, to power ground. Connect both
ground planes to the exposed pad of the ADP2442.
Place one end of the input capacitor as close as possible to
the VIN pin, and connect the other end to the closest
power ground plane.
Place a high frequency filter capacitor between the VIN
and PGND pins, as close as possible to the PGND pin.
VCC is the internal regulator output. Place a 1 μF capacitor
between the VCC and AGND pins and another 1 μF
capacitor between the VCC and PGND pins. Place the
capacitors as close as possible to the pins.
Ensure that the high current loop traces are as short and
wide as possible. Make the high current path from CIN
through L, COUT, and the power ground plane back to CIN
as short as possible. To accomplish this, ensure that the
input and output capacitors share a common power
ground plane.
Make the high current path from the PGND pin through L
and COUT back to the power ground plane as short as possible.
To do this, ensure that the PGND pin is tied to the PGND
plane as close as possible to the input and output capacitors
(see Figure 70).
Connect the ADP2442 exposed pad to a large copper plane
to maximize its power dissipation capability.
Place the feedback resistor divider network as close as possible
to the FB pin to prevent noise pickup. Keep the length of the
trace connecting the top of the feedback resistor divider to
the output as short as possible and, to avoid noise pickup,
also keep it away from the high current traces and switch
node. Place an analog ground plane on either side of the FB
trace, further reducing noise pickup.
The placement and routing of the compensation components
are critical for optimum performance of ADP2442. Place
the compensation components as close as possible to the
COMP pin. Use 0402 sized compensation components to
allow closer placement, which in turn reduces parasitic noise.
Surround the compensation components with AGND to
prevent noise pickup.
The FREQ pin is sensitive to noise; therefore, place the
frequency resistor as close as possible to the FREQ pin and
route it with minimal trace length.
Ground the small signal components to the analog ground
path.
Figure 70. High Current Trace
Figure 71. PCB Top Layer Placement
FB
COMP
EN
PGND
VIN
SW
ADP2442
VOUT
VIN
C4
C3
C5
C6
C7
R2
R3
R5
R8
R6
R9
C10
VOUT
NOTES
1. THICK LINE INDICATES HIGH CURRENT TRACE.
VIN
L1
CIN
CBST
COUT
VIN
VOUT
VCC
FB
COMP
FREQ
PGND
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com