Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2442ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ADP2442
Data Sheet
Rev. B | Page 14 of 36
Figure 46. Shutdown with VIN, PWM Mode, VIN = 36 V, VOUT = 5 V,
fSW = 700 kHz, Load = 5 Ω, SYNC/MODE = VCC
Figure 47. Startup with Precision Enable, VIN = 24 V, VOUT = 5 V, fSW = 700 kHz,
Load = No Load, SYNC/MODE = 700 kHz
Figure 48. Startup with Precision Enable,
VIN = 24 V, VOUT = 5 V, fSW = 700 kHz, Load = 5 Ω, SYNC/MODE = 700 kHz
Figure 49. Shutdown with Precision Enable, VIN = 24 V, VOUT = 5 V,
fSW = 700 kHz, Load = 5 Ω, SYNC/MODE = 700 kHz
Figure 50. Magnitude and Phase vs. Frequency
T 41.80%
CH1 2.00V BW
CH2 20.0V
CH3 10.0V BW
M400µs
A CH3
6.00V
3
VOUT
VIN
VIN = 36V
VOUT = 5V
fSW = 700kHz
LOAD = 5Ω
SYNC/MODE = VCC
1
2
SW
T 9.60%
CH1 2.00V BW
CH2 10.0V
CH3 5.00V BW
M1.00ms
A CH3
2.00V
3
VOUT
VIN = 24V
VOUT = 5V
fSW = 700kHz
NO LOAD
SYNC/MODE = 700kHz
1
2
EN
SS
T 9.80%
CH1 2.00V BW
CH2 10.0V
CH3 5.00V BW
M1.00ms
A CH3
2.40V
3
VOUT
VIN = 24V
VOUT = 5V
fSW = 700kHz
LOAD = 5Ω
SYNC/MODE = 700kHz
1
2
EN
SS
T 50.00%
CH1 2.00V BW
CH2 10.0V
CH3 5.00V BW
M1.00ms
A CH3
2.00V
3
VOUT
VIN = 24V
VOUT = 5V
fSW = 700kHz
LOAD = 5Ω
SYNC/MODE = 700kHz
1
2
EN
SS
–90
–50
–10
30
70
110
–70
–30
10
50
90
110
100
–200
–120
–40
40
120
200
–160
–80
0
80
160
FREQUENCY (kHz)
CROSSOVER = 58kHz: 1/12
fSW
PHASE MARGIN = 55°
VIN = 24V
VOUT = 5V
fSW = 700kHz
LOAD = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com