Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2442ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Data Sheet
ADP2442
Rev. B | Page 9 of 36
Figure 16. Load Regulation for Different Supplies
Figure 17. Load Regulation for Different Temperatures
Figure 18. Line Regulation, VOUT = 5 V for Different Loads
Figure 19. Pulse Skip (PSKIP) Threshold Load Current, VOUT = 3.3 V
Figure 20. Pulse Skip Threshold Load Current, VOUT = 5 V
Figure 21. Pulse Skip Threshold Load Current, VOUT = 12 V
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0
0.2
0.4
0.6
0.8
1.0
1.2
LOAD (A)
VIN = 12V
VIN = 24V
VIN = 36V
VOUT = 5V
fSW = 700kHz
SYNC = VCC, FORCED PWM MODE
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1.0
LOAD (A)
TA = +25°C
TA = +125°C
VIN = 24V
VOUT = 5V
fSW = 700kHz
SYNC = AGND PULSE SKIP MODE
TA = –40°C
–0.30
–0.20
–0.25
–0.10
–0.15
–0.05
0
0.15
0.10
0.05
0.20
0.25
0.30
7
121722
2732
37
42
VIN (V)
LOAD = 1A
VOUT = 5V
fSW = 700kHz
SYNC = VCC PWM MODE
LOAD = 500mA
0
50
100
150
200
250
300
350
400
5
10152025
303540
VIN (V)
fSW =300kHz
fSW = 700kHz
VOUT =3.3V
0
50
100
150
200
250
300
10
15
20
25
30
35
40
VIN (V)
fSW = 700kHz
VOUT =5V
fSW = 300kHz
0
50
100
150
200
250
300
15
20
25
30
35
40
VIN (V)
fSW = 300kHz
fSW = 600kHz
VOUT = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com