Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2442ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Data Sheet
ADP2442
Rev. B | Page 15 of 36
INTERNAL BLOCK DIAGRAM
Figure 51. Internal Block Diagram
VIN
POWER STAGE
UVLO
INTERNAL LDO
VCC
BST
STATE MACHINE GATE
CONTROL LOGIC
EN
+
1.25V
FB
SS
ISS
+
+
–
VREF = 0.6V
SYNC
SW
PGND
NMOS
NMOS
SLOPE
COMPENSATION/
RAMP
GENERATOR
CURRENT
LIMIT
COMPARATOR
CURRENT SENSE
AMPLIFIER
REFERENCE
CURRENT
BAND GAP
REFERENCE
PWM
COMPARATOR
FREQ
OSC
HICCUP
TIMER
COMP
THRESHOLD
PULSE SKIP
ENABLE
CLOCK
ENABLE
VCC
PULSE SKIP ENABLE
COMP
1V
PWM
HICCUP
+
+
–
AGND
115% OF
FEEDBACK
PGOOD
VFB
86% OF
FEEDBACK
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com