Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2442ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADP2442
Data Sheet
Rev. B | Page 10 of 36
Figure 22. Shutdown Current vs. Temperature
Figure 23. UVLO Threshold vs. Temperature
Figure 24. Supply Current vs. Temperature
Figure 25. Enable Threshold vs. Temperature
Figure 26. PGOOD Threshold vs. Temperature
Figure 27. Switching Frequency vs. Supply
0
2
4
8
6
10
12
–50
0
50
100
150
TEMPERATURE (°C)
VIN = 36V
VIN = 4.5V
TEMPERATURE (°C)
3.9
4.0
4.1
4.2
4.3
4.4
4.5
–50
–25
0
25
50
75
100
125
UVLO, RISING VIN
UVLO, FALLING VIN
0.05
0.25
0.45
0.65
0.85
1.05
1.25
1.45
1.65
1.85
2.05
2.25
–50 –30
–10
10
30
50
70
90
110 130 150
TEMPERATURE (°C)
VIN = 36V
VIN = 24V
VIN = 12V
VIN = 4.5V
1.04
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
–50 –30 –10
10
30
50
70
90
110 130 150
TEMPERATURE (°C)
ENABLE RISING THRESHOLD
ENABLE FALLING THRESHOLD
60
70
80
90
100
110
120
130
–50
–30 –10
10
30
50
70
90
110 130 150
TEMPERATURE (°C)
PGOOD RISE, FB INCREASING
PGOOD FALL, FB INCREASING
PGOOD RISE, FB DECREASING
PGOOD FALL, FB DECREASING
0
200
400
600
800
1000
1200
0
5
10
15
20
25
30
35
40
VIN (V)
fSW = 300kHz
fSW = 1MHz
fSW = 700kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com