Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2442ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
ADP2442
Rev. B | Page 17 of 36
ADJUSTABLE FREQUENCY
The ADP2442 features a programmable oscillator frequency with
a resistor connected between the FREQ and AGND pins.
At power-up, the FREQ pin is forced to 1.2 V and current flows
from the FREQ pin to AGND; the current value is based on the
resistor value on the FREQ pin. Next, the same current replicates in
the oscillator to set the switching frequency. Note that the resistor
connected to the FREQ pin must be placed as close as possible
to the FREQ pin (see the Applications Information section for
more information).
POWER GOOD
The PGOOD pin is an open-drain output that indicates the
status of the output voltage. When the voltage of the FB pin
is between 92% and 109% of the internal reference voltage,
the PGOOD output pulls high, provided there is a pull-up resistor
connected to the pin. When the voltage of the FB pin is not
within this range, the PGOOD output pulls low to AGND. The
PGOOD threshold is shown in Figure 54.
Likewise, the PGOOD pin is pulled low to AGND when
The input voltage is below the internal UVLO threshold.
The EN pin is low.
A thermal shutdown event has occurred.
Figure 54. PGOOD Threshold
In a typical application, a pull-up resistor connected between the
PGOOD pin and an external supply is used to generate a logic
signal. This pull-up resistor must range in value from 30 kΩ to
100 kΩ, and the external supply must be less than 5.5 V.
MODE OF OPERATION
The SYNC/MODE pin is a multifunctional pin. The fixed
frequency mode is enabled when SYNC/MODE is connected to
VCC or a high logic. When SYNC/MODE connects to AGND,
pulse skip mode enables. The external clock can be applied for
synchronization.
Table 5. SYNC/MODE Pin Mode of Operation
SYNC/MODE Pin
Mode of Operation
Low
Pulse skip mode
High
Forced fixed frequency mode
Clock Signal
Forced fixed frequency mode
EXTERNAL SYNCHRONIZATION
The external synchronization feature allows the switching
frequency of the device to be synchronized to an external clock.
The SYNC/MODE input accepts a logic level clock input ranging
from 300 kHz to 1 MHz (minimum pulse width = 100 ns) and has
high input impedance. For best practices, it is recommended
that the set frequency (set by the resistor at the FREQ pin) be
within ±30% of the expected clock frequency to ensure stable,
reliable, and seamless operation with or without an external
SYNC/MODE clock. When the ADP2442 is synchronized to an
external clock, the regulator switching frequency changes to the
external clock frequency.
SOFT START
The ADP2442 has an internal soft start feature that allows the
output voltage to ramp up in a controlled manner, limiting the
inrush current during startup. The ADP2442 internal soft start
time is 2 ms.
Figure 55. Internal Soft Start
UNDERVOLTAGE LOCKOUT
The undervoltage lockout (UVLO) function prevents the IC
from turning on when the input voltage is below the specified
operating range to avoid an undesired operating mode. If the
input voltage drops below the specified range, the UVLO function
shuts off the device. The rising input voltage threshold for the
UVLO function is 4.2 V with 200 mV hysteresis. The 200 mV of
hysteresis prevents the regulator from turning on and off repeatedly
when there is a slow voltage ramp on the VIN pin.
PRECISION ENABLE/SHUTDOWN
The ADP2442 features a precision enable pin (EN) to enable or
shutdown the device. The ±5% accuracy lends itself to using a
resistor divider from the VIN pin (or another external supply) to
program a desired UVLO threshold that is higher than the fixed
internal UVLO of 4.2 V. The hysteresis is 100 mV.
If a resistor divider is not used, apply a logic signal instead. A
logic high enables the device, and a logic low forces the device
into shutdown mode.
VOUT RISING
VOUT FALLING
110
90
116
84
POWER
GOOD
OVERVOLTAGE
UNDERVOLTAGE
PGOOD
UNDERVOLTAGE
POWER
GOOD
100
100
T 26.00%
CH1 2.00V BW
CH2 10.0V
CH3 5.00V BW
M1.00ms
A CH1
3.44V
3
VOUT
VIN = 24V
VOUT = 5V
fSW = 700kHz
LOAD = NO LOAD
SYNC/MODE = AGND
1
2
SS
EN
INTERNAL SS TIME
2.18ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com