Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2442ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2442ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2442ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP2442ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2442ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
36 V,1 A, Synchronous, Step-Down, DC-to-DC
Regulator with External Clock Synchronization
Data Sheet
ADP2442
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wide input voltage range from 4.5 V to 36 V
Low minimum on time of 50 ns typical
Maximum load current of 1 A
High efficiency of up to 94%
Adjustable output down to 0.6 V
±1% output voltage accuracy
Adjustable switching frequency from 300 kHz to 1 MHz
External synchronization from 300 kHz to 1 MHz
Pulse skip mode or forced fixed frequency mode
Precision enable input pin (EN)
Open-drain power good
Internal soft start
Overcurrent-limit protection
Shutdown current of less than 15 μA
UVLO and thermal shutdown
12-lead, 3 mm × 3 mm LFCSP package
Supported by the ADIsimPower™ tool set
Reference similar product ADP2441 with programmable soft
start and tracking
APPLICATIONS
Point of load applications
Distributed power systems
Industrial control supplies
Standard rail conversion to 24 V/12 V/5 V/3.3 V
GENERAL DESCRIPTION
The ADP2442 is a constant frequency, current mode control,
synchronous, step-down, dc-to-dc regulator that is capable of
driving loads of up to 1 A with excellent line and load regulation
characteristics. The ADP2442 operates with a wide input voltage
range from 4.5 V to 36 V, which makes it ideal for regulating
power from a wide variety of sources. In addition, the ADP2442
has very low minimum on time (50 ns) and is, therefore, suitable
for applications requiring a very high step-down ratio.
The output voltage can be adjusted from 0.6 V to 0.9 × VIN. High
efficiency is obtained with integrated low resistance N-channel
MOSFETs for both high-side and low-side devices.
The switching frequency is adjustable from 300 kHz to 1 MHz with
an external resistor. The ADP2442 also has an accurate power-good
(PGOOD) open-drain output signal.
TYPICAL CIRCUIT CONFIGURATION
Figure 1.
The ADP2442 offers the flexibility of external clock
synchronization. The switching frequency can be synchronized to
an external clock, applied to the SYNC/MODE pin. The ADP2442
can also be configured to operate in the forced fixed frequency
mode for low EMI or power saving mode to reduce the switching
losses at light load.
The ADP2442 uses hiccup mode to protect the IC from short
circuits or from overcurrent conditions on the output. The internal
soft start limits inrush current during startup for a wide variety of
load capacitances. Other key features include input undervoltage
lockout (UVLO), thermal shutdown (TSD), and precision enable
(EN), which can also be used as a logic level shutdown input.
The ADP2442 is available in a 3 mm × 3 mm, 12-lead LFCSP
package and is rated for a junction temperature range from
−40°C to +125°C.
Figure 2. Efficiency vs. Load Current, VIN = 24 V
ADP2442
FB
COMP
EN
PGND
VIN
VIN
VOUT
SW
VOUT
CCOMP
RCOMP
RBOTTOM
RFREQ
RTOP
C1
C2
CBOOST
CIN
COUT
0
20
40
60
80
100
10
30
50
70
90
0.01
0.1
LOAD (A)
1
VOUT = 12V
VIN = 24V
PWM = 300kHz
VOUT = 5V
VOUT = 3.3V


Similar Part No. - ADP2442ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
ADP2441-EVALZ AD-ADP2441-EVALZ Datasheet
1Mb / 32P
36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
ADP2441-EVALZ AD-ADP2441-EVALZ Datasheet
1Mb / 12P
The ADP2441 evaluation board is a complete, dc-to-dc switch-ing regulator design based on the ADP2441, a configurable, 1 A, synchronous step-down, dc-to-dc regulator.
REV. 0
ADP2441ACPZ-R2 AD-ADP2441ACPZ-R2 Datasheet
1Mb / 32P
36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
ADP2441ACPZ-R7 AD-ADP2441ACPZ-R7 Datasheet
1Mb / 32P
36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
More results

Similar Description - ADP2442ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
Synchronous DC/DC Step-Down Regulator
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
7 A Synchronous DC-DC Step down Regulator,
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
36-V, 1-A Step-Down DC-DC Nano Module
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Analog Devices
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
4/2017-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com