Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 6 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 6 Page - ams AG

Back Button AS5045 Datasheet HTML 2Page - ams AG AS5045 Datasheet HTML 3Page - ams AG AS5045 Datasheet HTML 4Page - ams AG AS5045 Datasheet HTML 5Page - ams AG AS5045 Datasheet HTML 6Page - ams AG AS5045 Datasheet HTML 7Page - ams AG AS5045 Datasheet HTML 8Page - ams AG AS5045 Datasheet HTML 9Page - ams AG AS5045 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
Page 6
ams Datasheet
Document Feedback
[v2-01] 2017-Jul-13
AS5045 − Electrical Characteristics
TAMB = -40°C to 125°C, VDD5V = 3.0V to 3.6V (3V operation)
VDD5V = 4.5V to 5.5V (5V operation), unless otherwise noted.
Figure 6:
Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Operating Conditions
TAMB
Ambient temperature
-40°F to 257°F
-40
125
°C
Isupp
Supply current
16
21
mA
VDD5V
Supply voltage at pin
VDD5V
5V operation
4.5
5.0
5.5
V
VDD3V3
Voltage regulator output
voltage at pin VDD3V3
3.0
3.3
3.6
VDD5V
Supply voltage at pin
VDD5V
3.3V operation
(pin VDD5V and VDD3V3
connected)
3.0
3.3
3.6
V
VDD3V3
Supply voltage at pin
VDD3V3
3.0
3.3
3.6
DC Characteristics CMOS Schmitt-Trigger Inputs: CLK, CSn (CSn = Internal Pull-Up)
VIH
High level input voltage
Normal operation
0.7 *
VDD5V
V
VIL
Low level input voltage
0.3 *
VDD5V
V
VIon- VIoff
Schmitt Trigger hysteresis
1
V
ILEAK
Input leakage current
CLK only
-1
1
μA
IIL
Pull-up low level input
current
CSn only, VDD5V: 5.0V
-30
-100
μA
DC Characteristics CMOS / Program Input: Prog
VIH
High level input voltage
0.7 *
VDD5V
VDD5V
V
VPROG
High level input voltage
During programming
Refer to programming
conditions (Figure 10)
V
VIL
Low level input voltage
0.3 *
VDD5V
V
IIL
High level input current
VDD5V: 5.5V
30
100
μA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com