Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 25 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 25 Page - ams AG

Back Button AS5045 Datasheet HTML 21Page - ams AG AS5045 Datasheet HTML 22Page - ams AG AS5045 Datasheet HTML 23Page - ams AG AS5045 Datasheet HTML 24Page - ams AG AS5045 Datasheet HTML 25Page - ams AG AS5045 Datasheet HTML 26Page - ams AG AS5045 Datasheet HTML 27Page - ams AG AS5045 Datasheet HTML 28Page - ams AG AS5045 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
ams Datasheet
Page 25
[v2-01] 2017-Jul-13
Document Feedback
AS5045 − Detailed Description
Figure 25:
OTP Programming Connection of AS5045 (Shown with AS5045 Demoboard)
Analog Readback Mode
Non-volatile programming (OTP) uses on-chip zener diodes,
which become permanently low resistive when subjected to a
specified reverse current.
The quality of the programming process depends on the
amount of current that is applied during the programming
process (up to 130mA). This current must be provided by an
external voltage source. If this voltage source cannot provide
adequate power, the zener diodes may not be programmed
properly.
In order to verify the quality of the programmed bit, an analog
level can be read for each zener diode, giving an indication
whether this particular bit was properly programmed or not.
To put the AS5045 in Analog Readback Mode, a digital sequence
must be applied to pins CSn, PROG and CLK as shown in
Figure 26. The digital level for this pin depends on the supply
configuration (3.3V or 5V) (see 3.3V / 5V Operation).
The second rising edge on CSn (OutpEN) changes pin PROG to
a digital output and the log. high signal at pin PROG must be
removed to avoid collision of outputs (grey area in Figure 26).
The following falling slope of CSn changes pin PROG to an
analog output, providing a reference voltage Vref, that must be
saved as a reference for the calculation of the subsequent
programmed and unprogrammed OTP bits.
Following this step, each rising slope of CLK outputs one bit of
data in the reverse order as during programming
AS5045 Demoboard
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1 MagINCn
MagDECn
NC
NC
NC
Mode
VSS
Prog_DI
DO
CLK
CSn
PWM
NC
NC
VDD3V3
VDD5V
AS5045
IC1
+
7
2
3
4
5
6
1
10n
1µF
µC
Cap only required for
OTP programming
GND
PROG
CSN
DO
CLK
5VUSB
VDD3V3
VSS
+
10µF
2
3
1
GND
VSS
VPROG
7. 5 …8.0V
only required for
OTP programming
connect to USB
interface on PC
For programming,
keep these 6 wires
as short as possible!
max. length= 2inches (5cm)
22k
3V 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com