Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 32 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 32 Page - ams AG

Back Button AS5045 Datasheet HTML 28Page - ams AG AS5045 Datasheet HTML 29Page - ams AG AS5045 Datasheet HTML 30Page - ams AG AS5045 Datasheet HTML 31Page - ams AG AS5045 Datasheet HTML 32Page - ams AG AS5045 Datasheet HTML 33Page - ams AG AS5045 Datasheet HTML 34Page - ams AG AS5045 Datasheet HTML 35Page - ams AG AS5045 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Page 32
ams Datasheet
Document Feedback
[v2-01] 2017-Jul-13
AS5045 − Detailed Description
Angular Output Tolerances
Accuracy
Accuracy is defined as the error between measured angle and
actual angle. It is influenced by several factors:
• The non-linearity of the analog-digital converters
• Internal gain and mismatch errors
• Non-linearity due to misalignment of the magnet
As a sum of all these errors, the accuracy with centered magnet
= (Errmax – Errmin)/2 is specified as better than ±0.5 degrees @
25°C (see Figure 33) Misalignment of the magnet further
reduces the accuracy. Figure 32 shows an example of a
3D-graph displaying non-linearity over XY-misalignment. The
center of the square XY-area corresponds to a centered magnet
(see dot in the center of the graph). The X- and Y- axis extends
to a misalignment of
±1mm in both directions. The total
misalignment area of the graph covers a square of 2x2 mm
(79x79mil) with a step size of 100μm.
For each misalignment step, the measurement as shown in
Figure 33 is repeated and the accuracy (Errmax – Errmin)/2 (e.g.
0.25°) is entered as the Z-axis in the 3D-graph.
Figure 32:
Example of Linearity Error over XY Misalignment
-1000
-700
-400
-100
200
500
800
0
1
2
3
4
5
6
x
y
Linearity Error over XY-misalignment [°]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com