Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 21 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 21 Page - ams AG

Back Button AS5045 Datasheet HTML 17Page - ams AG AS5045 Datasheet HTML 18Page - ams AG AS5045 Datasheet HTML 19Page - ams AG AS5045 Datasheet HTML 20Page - ams AG AS5045 Datasheet HTML 21Page - ams AG AS5045 Datasheet HTML 22Page - ams AG AS5045 Datasheet HTML 23Page - ams AG AS5045 Datasheet HTML 24Page - ams AG AS5045 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
ams Datasheet
Page 21
[v2-01] 2017-Jul-13
Document Feedback
AS5045 − Detailed Description
When PWMhalfEN = 1, the PWM timing is as shown in Figure 21.
Figure 21:
PWM Signal Parameters with Half Frequency (OTP Option)
Analog Output
An analog output can be generated by averaging the PWM
signal, using an external active or passive low pass filter.
The analog output voltage is proportional to the angle: 0°= 0V;
360° = VDD5V.
Using this method, the AS5045 can be used as direct
replacement of potentiometers.
Figure 22:
Simple 2nd Order Passive RC Low Pass Filter
Figure 22 shows an example of a simple passive low pass filter
to generate the analog output.
R1, R2
≥ 4k7C1,
C2
≥ 1μF / 6V
R1 should be greater than or equal to 4k7 to avoid loading of
the PWM output. Larger values of Rx and Cx will provide better
filtering and less ripple, but will also slow down the response
time.
Symbol
Parameter
Typ
Unit
Note
fPWM
PWM frequency
122
Hz
Signal period: 8194μs
PWMIN
MIN pulse width
2
μs
• Position 0d
• Angle 0 deg
PWMAX
MAX pulse width
8192
μs
• Position 4095d
• Angle 359.91 deg
R1
R2
analog out
Pin12
PWM
Pin7
VSS
C1
C2
VDD
0V
0º
360º
(EQ2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com