Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 27 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 27 Page - ams AG

Back Button AS5045 Datasheet HTML 23Page - ams AG AS5045 Datasheet HTML 24Page - ams AG AS5045 Datasheet HTML 25Page - ams AG AS5045 Datasheet HTML 26Page - ams AG AS5045 Datasheet HTML 27Page - ams AG AS5045 Datasheet HTML 28Page - ams AG AS5045 Datasheet HTML 29Page - ams AG AS5045 Datasheet HTML 30Page - ams AG AS5045 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
ams Datasheet
Page 27
[v2-01] 2017-Jul-13
Document Feedback
AS5045 − Detailed Description
Alignment Mode
The alignment mode simplifies centering the magnet over the
center of the chip to gain maximum accuracy.
Alignment mode can be enabled with the falling edge of CSn
while Prog = logic high (see Figure 27). The Data bits
D11-D0 of the SSI change to a 12-bit displacement amplitude
output. A high value indicates large X or Y displacement, but
also higher absolute magnetic field strength. The magnet is
properly aligned, when the difference between highest and
lowest value over one full turn is at a minimum.
Under normal conditions, a properly aligned magnet will result
in a reading of less than 128 over a full turn.
The MagINCn and MagDECn indicators will be = 1 when the
alignment mode reading is < 128. At the same time, both
hardware pins MagINCn (#1) and MagDECn (#2) will be pulled
to VSS. A properly aligned magnet will therefore produce a
MagINCn = MagDECn = 1 signal throughout a full 360° turn of
the magnet.
Stronger magnets or short gaps between magnet and IC may
show values larger than 128. These magnets are still properly
aligned as long as the difference between highest and lowest
value over one full turn is at a minimum.
The alignment mode can be reset to normal operation by a
power-on-reset (disconnect / re-connect power supply) or by a
falling edge on CSn with Prog = low.
Figure 27:
Enabling the Alignment Mode
Figure 28:
Exiting the Alignment Mode
PROG
CSn
AlignMode enable
Read-out
via SSI
2µs
min.
2µs
min.
PROG
CSn
exit AlignMode
Read-out
via SSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com