Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 33 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 33 Page - ams AG

Back Button AS5045 Datasheet HTML 29Page - ams AG AS5045 Datasheet HTML 30Page - ams AG AS5045 Datasheet HTML 31Page - ams AG AS5045 Datasheet HTML 32Page - ams AG AS5045 Datasheet HTML 33Page - ams AG AS5045 Datasheet HTML 34Page - ams AG AS5045 Datasheet HTML 35Page - ams AG AS5045 Datasheet HTML 36Page - ams AG AS5045 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
ams Datasheet
Page 33
[v2-01] 2017-Jul-13
Document Feedback
AS5045 − Detailed Description
The maximum non-linearity error on this example is better than
±1 degree (inner circle) over a misalignment radius of ~0.7mm.
For volume production, the placement tolerance of the IC
within the package (
±0.235mm) must also be taken into
account.
The total nonlinearity error over process tolerances,
temperature and a misalignment circle radius of 0.25mm is
specified better than
±1.4 degrees.
The magnet used for this measurement was a cylindrical NdFeB
(Bomatec® BMN-35H) magnet with 6mm diameter and 2.5mm
in height.
Figure 33:
Example of Linearity Error over 360°
Transition Noise
Transition noise is defined as the jitter in the transition between
two steps. Due to the nature of the measurement principle (Hall
sensors + Preamplifier + ADC), there is always a certain degree
of noise involved. This transition noise voltage results in an
angular transition noise at the outputs. It is specified as 0.06
degrees rms (1 sigma)1 in fast mode (pin MODE = high) and 0.03
degrees rms (1 sigma) in slow mode (pin MODE = low or open).
This is the repeatability of an indicated angle at a given
mechanical position.
1. Statistically, 1 sigma represents 68.27% of readings, 3 sigma represents 99.73% of readings.
Linearity error with centered magnet [degrees]
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
1
55
109
163
217
271
325
379
433
487
541
595
649
703
757
811
865
919
973
transition noise
Errmax
Errmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com