Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 24 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 24 Page - ams AG

Back Button AS5045 Datasheet HTML 20Page - ams AG AS5045 Datasheet HTML 21Page - ams AG AS5045 Datasheet HTML 22Page - ams AG AS5045 Datasheet HTML 23Page - ams AG AS5045 Datasheet HTML 24Page - ams AG AS5045 Datasheet HTML 25Page - ams AG AS5045 Datasheet HTML 26Page - ams AG AS5045 Datasheet HTML 27Page - ams AG AS5045 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Page 24
ams Datasheet
Document Feedback
[v2-01] 2017-Jul-13
AS5045 − Detailed Description
Non-Permanent Programming
It is also possible to re-configure the AS5045 in a
non-permanent way by overwriting the OTP register.
This procedure is essentially a “Write Data” sequence
(see Figure 23) without a subsequent OTP programming cycle.
The “Write Data” sequence may be applied at any time during
normal operation. This configuration remains set while the
power supply voltage is above the power-on reset level (see
Electrical System Specifications).
See Application Note AN5000-20 for further information.
Figure 23:
Programming Access – Write Data (Section of Figure 24)
Figure 24:
Complete Programming Sequence
CCW
Z11
Z10
Z9
Z8
Z7
Z6
Z5
Z4
Z3
Z2
Z1
Z0
PWM
dis
Mag
Comp
EN
PWM
half
EN
PWM and status
bit modes
Zero Position
tDatain valid
t Prog enable
CSn
Prog
1
16
8
CLKPROG
t Datain
tclk
Data
CSn
Prog
CLKPROG
7.5 V
VDD
tLoadPROG
t PROG finished
Write Data
Power Off
Programming Mode
t PROG
t PrgH
VProgOff
t PrgR
0V
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com