Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 9 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 9 Page - ams AG

Back Button AS5045 Datasheet HTML 5Page - ams AG AS5045 Datasheet HTML 6Page - ams AG AS5045 Datasheet HTML 7Page - ams AG AS5045 Datasheet HTML 8Page - ams AG AS5045 Datasheet HTML 9Page - ams AG AS5045 Datasheet HTML 10Page - ams AG AS5045 Datasheet HTML 11Page - ams AG AS5045 Datasheet HTML 12Page - ams AG AS5045 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
ams Datasheet
Page 9
[v2-01] 2017-Jul-13
Document Feedback
AS5045 − Electrical Characteristics
Electrical System Specifications
Figure 8:
Input Specification
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RES
Resolution
0.088 deg
12
bit
INLopt
Integral non-linearity
(optimum)
Maximum error with respect to
the best line fit. Centered
magnet without calibration,
TAMB = 25°C
± 0.5
deg
INLtemp
Maximum error with respect to
the best line fit. Centered
magnet without calibration,
TAMB = -40°C to 125°C
± 0.9
INL
Integral non-linearity
Best line fit = (Errmax – Errmin) / 2
Over displacement tolerance
with 6mm diameter magnet,
without calibration,
TAMB = -40°C to 125°C
± 1.4
deg
DNL
Differential
non-linearity
12-bit, No missing codes
±0.044
deg
TN
Transition noise
1 sigma, fast mode
(MODE = 1)
0.06
deg
RMS
1 sigma, slow mode (MODE=0
or open)
0.03
VON
Power-on reset
thresholds:
On voltage; 300mV typ.
hysteresis
DC supply voltage 3.3V
(VDD3V3)
1.37
2.2
2.9
V
VOFF
Power-on reset
thresholds: Off voltage;
300mV typ. hysteresis
1.08
1.9
2.6
tPwrUp
Power-up time
Fast mode (Mode = 1);
until status bit OCF = 1
20
ms
Slow mode (Mode = 0 or open);
until OCF = 1
80
tdelay
System propagation
delay absolute output :
delay of ADC, DSP and
absolute interface
Fast mode (MODE=1)
96
μs
Slow mode (MODE=0 or open)
384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com