Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 19 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 19 Page - ams AG

Back Button AS5045 Datasheet HTML 15Page - ams AG AS5045 Datasheet HTML 16Page - ams AG AS5045 Datasheet HTML 17Page - ams AG AS5045 Datasheet HTML 18Page - ams AG AS5045 Datasheet HTML 19Page - ams AG AS5045 Datasheet HTML 20Page - ams AG AS5045 Datasheet HTML 21Page - ams AG AS5045 Datasheet HTML 22Page - ams AG AS5045 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
ams Datasheet
Page 19
[v2-01] 2017-Jul-13
Document Feedback
AS5045 − Detailed Description
Daisy Chain Mode
The Daisy Chain mode allows connection of several AS5045’s in
series, while still keeping just one digital input for data transfer
(see “Data IN” in Figure 17). This mode is accomplished by
connecting the data output (DO; pin 9) to the data input (PROG;
pin 8) of the subsequent device. An RC filter must be
implemented between each PROG pin of device n and DO pin
of device n+1, to prevent then magnetic position sensors to
enter the alignment mode, in case of ESD discharge, long
cables, not conform signal levels or shape. Using the values
R=100R and C=1nF allow a max. CLK frequency of 1MHz on the
whole chain. The serial data of all connected devices is read
from the DO pin of the first device in the chain. The length of
the serial bit stream increases with every connected device, it
is n * (18+1) bits: For e.g., 38 bit for two devices, 57 bit for three
devices, etc.
The last data bit of the first device (Parity) is followed by a
dummy bit and the first data bit of the second device (D11), etc.
(see Figure 18).
Figure 17:
Daisy Chain Hardware Configuration
Figure 18:
Daisy Chain Mode Data Transfer
CSn
PROG
DI
CLK
CSn
DO
CLK
CSn
DO
CLK
PROG
CSn
DO
CLK
PROG
100R
100R
1nF
1nF
GND
GND
GND
MCU
AS5045
AS5045
AS5045
CSn
CLK
DO
tDO valid
Angular Position Data
tDO active
Status Bits
tCLK FE
TCLK/2
1
D9
D8 D7
D6 D5
D4 D3
D2 D1
D0 OCF COF LIN
Mag
INC
Mag
DEC
Even
PAR
8
18
D
D11
1
2
3
D10 D9
Angular Position Data
1st Device
2nd Device
D10
D11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com