Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 23 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 23 Page - ams AG

Back Button AS5045 Datasheet HTML 19Page - ams AG AS5045 Datasheet HTML 20Page - ams AG AS5045 Datasheet HTML 21Page - ams AG AS5045 Datasheet HTML 22Page - ams AG AS5045 Datasheet HTML 23Page - ams AG AS5045 Datasheet HTML 24Page - ams AG AS5045 Datasheet HTML 25Page - ams AG AS5045 Datasheet HTML 26Page - ams AG AS5045 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
ams Datasheet
Page 23
[v2-01] 2017-Jul-13
Document Feedback
AS5045 − Detailed Description
OTP Register Contents
CCW: Counter Clockwise Bit
ccw=0 – angular value increases in clockwise direction
ccw=1 – angular value increases in counter clockwise direction
Z [11:0]: Programmable Zero Position
PWM dis: Disable PWM output
MagCompEn: When set, activates LIN alarm both when
magnetic field is too high and too low (see Figure 16)
PWMhalfEn: When set, PWM frequency is 122Hz or 2μs / step
(when PWMhalfEN = 0, PWM frequency is 244Hz, 1μs / step)
Zero Position Programming
Zero position programming is an OTP option that simplifies
assembly of a system, as the magnet does not need to be
manually adjusted to the mechanical zero position. Once the
assembly is completed, the mechanical and electrical zero
positions can be matched by software. Any position within a
full turn can be defined as the permanent new zero position.
For zero position programming, the magnet is turned to the
mechanical zero position (e.g. the “off ”-position of a rotary
switch) and the actual angular value is read.
This value is written into the OTP register bits Z11:Z0
(see Figure 23) and programmed (see Figure 24).
The zero position value may also be modified before
programming, e.g. to program an electrical zero position that
is 180° (half turn) from the mechanical zero position, just add
2048 to the value read at the mechanical zero position and
program the new value into the OTP register.
Repeated OTP Programming
Although a single AS5045 OTP register bit can be programmed
only once (from 0 to 1), it is possible to program other,
unprogrammed bits in subsequent programming cycles.
However, a bit that has already been programmed should not
be programmed twice. Therefore it is recommended that bits
that are already programmed are set to “0” during a
programming cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com