Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 1 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 1 Page - ams AG

  AS5045 Datasheet HTML 1Page - ams AG AS5045 Datasheet HTML 2Page - ams AG AS5045 Datasheet HTML 3Page - ams AG AS5045 Datasheet HTML 4Page - ams AG AS5045 Datasheet HTML 5Page - ams AG AS5045 Datasheet HTML 6Page - ams AG AS5045 Datasheet HTML 7Page - ams AG AS5045 Datasheet HTML 8Page - ams AG AS5045 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
ams Datasheet
Page 1
[v2-01] 2017-Jul-13
Document Feedback
AS5045
12-Bit Programmable Magnetic Rotary
Position Sensor
The AS5045 is a contactless magnetic position sensor for
accurate angular measurement over a full turn of 360°. It is a
system-on-chip, combining integrated Hall elements, analog
front end and digital signal processing in a single device.
To measure the angle, only a simple two-pole magnet, rotating
over the center of the chip, is required. The magnet may be
placed above or below the IC.
The absolute angle measurement provides instant indication of
the magnet’s angular position with a resolution of
0.0879° = 4096 positions per revolution. This digital data is
available as a serial bit stream and as a PWM signal.
An internal voltage regulator allows the AS5045 to operate at
either 3.3 V or 5 V supplies.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS5045, 12-Bit Programmable
Magnetic Rotary Position Sensor are listed below:
Figure 1:
Added Value of Using AS5045
• Two digital 12-bit absolute outputs:
• Serial interface and
• Pulse width modulated (PWM) output
• Failure detection mode for magnet placement monitoring
and loss of power supply
• “Red-Yellow-Green” indicators display placement of magnet
in Z-axis
Benefits
Features
• Highest reliability and durability in harsh
environments
• Contactless absolute angle position measurement
• Great flexibility during assembly
• User programmable zero position
• Operation safety
• Diagnostic modes for magnet detection and power supply
loss
• Lower material cost (no magnetic
shielding needed)
• Immune to external magnetic stray fields
General Description


Similar Part No. - AS5045

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5045 AMSCO-AS5045 Datasheet
1Mb / 34P
12 Bit Programmable Magnetic Rotary Encoder
AS5045ASST AMSCO-AS5045ASST Datasheet
589Kb / 33P
12 Bit Programmable Magnetic Rotary Encoder
AS5045ASSU AMSCO-AS5045ASSU Datasheet
589Kb / 33P
12 Bit Programmable Magnetic Rotary Encoder
AS5045B AMSCO-AS5045B Datasheet
393Kb / 33P
12-Bit Programmable Magnetic Position Sensor
More results

Similar Description - AS5045

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5145 AMSCO-AS5145 Datasheet
1Mb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5045_V1 AMSCO-AS5045_V1 Datasheet
589Kb / 33P
12 Bit Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
12-Bit Magnetic Angle Position Sensor
AS5145H ETC2-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
ams AG
AS5045 AMSCO-AS5045_10 Datasheet
1Mb / 34P
12 Bit Programmable Magnetic Rotary Encoder
AS5045B AMSCO-AS5045B Datasheet
393Kb / 33P
12-Bit Programmable Magnetic Position Sensor
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
12-Bit Magnetic Angle Position Sensor
AS5600L AMSCO-AS5600L Datasheet
1Mb / 48P
12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
2020-May-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com