Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 12 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 12 Page - ams AG

Back Button AS5045 Datasheet HTML 8Page - ams AG AS5045 Datasheet HTML 9Page - ams AG AS5045 Datasheet HTML 10Page - ams AG AS5045 Datasheet HTML 11Page - ams AG AS5045 Datasheet HTML 12Page - ams AG AS5045 Datasheet HTML 13Page - ams AG AS5045 Datasheet HTML 14Page - ams AG AS5045 Datasheet HTML 15Page - ams AG AS5045 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Page 12
ams Datasheet
Document Feedback
[v2-01] 2017-Jul-13
AS5045 − Timing Characteristics
Programming Conditions
tProg enable
Programming enable
time
Time between rising edge at
Prog pin and rising edge of
CSn
2μs
tData in
Write data start
2
μs
tData in valid
Write data valid
Write data at the rising edge
of CLK PROG
250
ns
tLoad PROG
Load programming data
3
μs
tPrgR
Rise time of VPROG before
CLKPROG
0μs
tPrgH
Hold time of VPROG after
CLKPROG
05
μs
CLKPROG
Write data –
programming CLKPROG
Ensure that VPROG is stable
with rising edge of CLK
250
kHz
tPROG
CLK pulse width
During programming; 16
clock cycles
1.8
2
2.2
μs
tPROG finished
Hold time of VPROG after
programming
Programmed data is
available after next
power-on
2μs
VPROG
Programming voltage,
pin PROG
Must be switched off after
zapping
7.3
7.4
7.5
V
VProgOff
Programming voltage off
level
Line must be discharged to
this level
0
1
V
IPROG
Programming current
During programming
130
mA
CLKAread
Analog read CLK
Analog Readback mode
100
kHz
Vprogrammed
Programmed Zener
voltage (log.1)
VRef-VPROG during Analog
Readback mode (see Analog
Readback Mode)
100
mV
Vunprogrammed
Unprogrammed Zener
voltage (log. 0)
1V
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com