Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 3 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 3 Page - ams AG

  AS5045 Datasheet HTML 1Page - ams AG AS5045 Datasheet HTML 2Page - ams AG AS5045 Datasheet HTML 3Page - ams AG AS5045 Datasheet HTML 4Page - ams AG AS5045 Datasheet HTML 5Page - ams AG AS5045 Datasheet HTML 6Page - ams AG AS5045 Datasheet HTML 7Page - ams AG AS5045 Datasheet HTML 8Page - ams AG AS5045 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
ams Datasheet
Page 3
[v2-01] 2017-Jul-13
Document Feedback
AS5045 − Pin Assignment
Figure 3:
Pin Assignment (Top View)
Pin Description
Figure 4 shows the description of each pin of the standard
SSOP16 package (Shrink Small Outline Package, 16 leads, body
size: 5.3mm x 6.2mmm; see Figure 3).
Pins 7, 15 and 16 supply pins, pins 3, 4, 5, 6, 13 and 14 are for
internal use and must not be connected.
Pins 1 and 2 MagINCn and MagDECn are the magnetic field
change indicators (magnetic field strength increase or decrease
through variation of the distance between the magnet and the
device). These outputs can be used to detect the valid magnetic
field range. Furthermore those indicators can also be used for
contact-less push-button functionality.
Pin 6 Mode allows switching between filtered (slow) and
unfiltered (fast mode). This pin must be tied to VSS or VDD5V,
and must not be switched after power up. See Mode Input Pin.
Pin 8 Prog is used to program the zero-position into the OTP.
See Zero Position Programming.
This pin is also used as digital input to shift serial data through
the device in Daisy Chain configuration. See Daisy Chain Mode.
Pin 11 Chip Select (CSn; active low) selects a device within a
network of AS5045 magnetic position sensors and initiates
serial data transfer. A logic high at CSn puts the data output pin
(DO) to tri-state and terminates serial data transfer. This pin is
also used for alignment mode and programming mode (see
Figure 27).
Pin Assignment
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
MagINCn
MagDECn
NC
NC
NC
Mode
VSS
Prog_DI
DO
CLK
CSn
PWM
NC
NC
VDD3V3
VDD5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com