Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 2 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 2 Page - ams AG

  AS5045 Datasheet HTML 1Page - ams AG AS5045 Datasheet HTML 2Page - ams AG AS5045 Datasheet HTML 3Page - ams AG AS5045 Datasheet HTML 4Page - ams AG AS5045 Datasheet HTML 5Page - ams AG AS5045 Datasheet HTML 6Page - ams AG AS5045 Datasheet HTML 7Page - ams AG AS5045 Datasheet HTML 8Page - ams AG AS5045 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Page 2
ams Datasheet
Document Feedback
[v2-01] 2017-Jul-13
AS5045 − General Description
• Serial read-out of multiple interconnected AS5045 devices
using Daisy Chain mode
• Tolerant to magnet misalignment and airgap variations
• Wide temperature range: - 40ºC to 125ºC
• Small Pb-free package: SSOP-16 (5.3mm x 6.2mm)
Applications
The AS5045 is ideal for industrial applications like
• Robotics,
• Stepper motor control,
• RC servo control and
• Replacement of high-end potentiometers.
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
AS5045 Block Diagram
DSP
Hall Array
&
Frontend
Amplifier
Absolute
Interface
(SSI)
Sin
Cos
Ang
Mag
MagINCn
MagDECn
DO
PWM
CLK
Mode
Prog_DI
CSn
PWM
Interface
OTP
Register
VDD5V
VDD3V3
LDO 3.3V
AS5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com