Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 35 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 35 Page - ams AG

Back Button AS5045 Datasheet HTML 31Page - ams AG AS5045 Datasheet HTML 32Page - ams AG AS5045 Datasheet HTML 33Page - ams AG AS5045 Datasheet HTML 34Page - ams AG AS5045 Datasheet HTML 35Page - ams AG AS5045 Datasheet HTML 36Page - ams AG AS5045 Datasheet HTML 37Page - ams AG AS5045 Datasheet HTML 38Page - ams AG AS5045 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
ams Datasheet
Page 35
[v2-01] 2017-Jul-13
Document Feedback
AS5045 − Detailed Description
Angular Error Caused by Propagation Delay: A rotating
magnet will cause an angular error caused by the output
propagation delay.
This error increases linearly with speed:
Where:
esampling = angular error [°]
rpm = rotating speed [rpm]
prop.delay = propagation delay [seconds]
Note(s): Since the propagation delay is known, it can be
automatically compensated by the control unit processing the
data from the AS5045.
Internal Timing Tolerance
The AS5045 does not require an external ceramic resonator or
quartz. All internal clock timings for the AS5045 are generated
by an on-chip RC oscillator. This oscillator is factory trimmed to
±5% accuracy at room temperature (±10% over full temperature
range). This tolerance influences the ADC sampling rate and the
pulse width of the PWM output.
• Absolute Output; SSI Interface: A new angular value is
updated every 96μs (typ.) in fast mode and every 384μs
(typ.) in slow mode.
•PWM Output: A new angular value is updated every 400μs
(typ.). The PWM pulse timings Ton and Toff also have the
same tolerance as the internal oscillator. If only the PWM
pulse width Ton is used to measure the angle, the resulting
value also has this timing tolerance. However, this
tolerance can be cancelled by measuring both Ton and Toff
and calculating the angle from the duty cycle.
Temperature
Magnetic Temperature Coefficient: One of the major benefits
of the AS5045 compared to linear Hall sensors is that it is much
less sensitive to temperature. While linear Hall sensors require
a compensation of the magnet’s temperature coefficients, the
AS5045 automatically compensates for the varying magnetic
field strength over temperature. The magnet’s temperature
drift does not need to be considered, as the AS5045 operates
with magnetic field strengths from
±45…±75mT.
Example:
An NdFeB magnet has a field strength of 75mT @ -40°C and a
temperature coefficient of -0.12% per Kelvin. The temperature
change is from -40° to 125° = 165K. The magnetic field change
is: 165 x -0.12% = -19.8%, which corresponds to 75mT at -40°C
and 60mT at 125°C.
(EQ5)
delay
prop
rpm
e
sampling
.
*
6
,
∗
=
(EQ6)
() 1
4097 −
+
⋅
=
off
on
on
t
t
t
Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com