Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 10 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 10 Page - ams AG

Back Button AS5045 Datasheet HTML 6Page - ams AG AS5045 Datasheet HTML 7Page - ams AG AS5045 Datasheet HTML 8Page - ams AG AS5045 Datasheet HTML 9Page - ams AG AS5045 Datasheet HTML 10Page - ams AG AS5045 Datasheet HTML 11Page - ams AG AS5045 Datasheet HTML 12Page - ams AG AS5045 Datasheet HTML 13Page - ams AG AS5045 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Page 10
ams Datasheet
Document Feedback
[v2-01] 2017-Jul-13
AS5045 − Electrical Characteristics
Figure 9:
Integral and Differential Non-Linearity (Example)
Integral Non-Linearity (INL) is the maximum deviation between
actual position and indicated position.
Differential Non-Linearity (DNL) is the maximum deviation of
the step length from one position to the next.
Transition Noise (TN) is the repeatability of an indicated
position.
fS
Internal sampling rate
for absolute output:
TAMB = 25°C,
slow mode (MODE=0 or open)
2.48
2.61
2.74
kHz
TAMB = -40°C to 125°C,
slow mode (MODE=0 or open)
2.35
2.61
2.87
fS
Internal sampling rate
for absolute output
TAMB = 25°C, fast mode
(MODE = 1)
9.90
10.42
10.94
kHz
TAMB = -40°C to 125°C,
fast mode (MODE = 1)
9.38
10.42
11.46
CLK
Read-out frequency
Maximum clock frequency to
read out serial data
1MHz
Symbol
Parameter
Conditions
Min
Typ
Max
Units
180°
360 °
0
°
0
2048
4095
α
α 12bit code
0
1
2
0.09°
INL
Ideal curve
Actual curve
TN
2048
4095
DNL+1LSB
[degrees]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com