Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 18 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 18 Page - ams AG

Back Button AS5045 Datasheet HTML 14Page - ams AG AS5045 Datasheet HTML 15Page - ams AG AS5045 Datasheet HTML 16Page - ams AG AS5045 Datasheet HTML 17Page - ams AG AS5045 Datasheet HTML 18Page - ams AG AS5045 Datasheet HTML 19Page - ams AG AS5045 Datasheet HTML 20Page - ams AG AS5045 Datasheet HTML 21Page - ams AG AS5045 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
Page 18
ams Datasheet
Document Feedback
[v2-01] 2017-Jul-13
AS5045 − Detailed Description
When bit MagCompEn is programmed in the OTP, the function
of status bits MagINC, MagDec and pins MagINCn, MagDECn is
changed to the following function.
Figure 16:
Magnetic Field Strength Red-Yellow-Green Indicator (OTP Option)
Note(s):
1. Pin 1 (MagINCn) and pin 2 (MagDECn) are active low via open drain output and require an external pull-up resistor. If the magnetic
field is in range, both outputs are turned off.
The two pins may also be combined with a single pull-up
resistor. In this case, the signal is high when the magnetic field
is in range. It is low in all other cases (see Figure 15 and
Figure 16).
Status Bits
Hardware Pins
OTP: Mag CompEn = 1
(Red-Yellow-Green Programming Option)
Mag
INC
Mag
DEC
LIN
Mag
INCn
Mag
DECn
Description
00
0
Off
Off
No distance change
Magnetic input field OK (GREEN range, ~45mT to 75mT)
11
0
On
Off
YELLOW range: magnetic field is ~ 25mT to 45mT or
~75mT to 135mT. The AS5045 may still be operated in
this range, but with slightly reduced accuracy.
11
1
On
On
RED range: magnetic field is ~<25mT or >~135mT. It is
still possible to operate the AS5045 in the red range,
but not recommended.
All other combinations
n/a
n/a
Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com