Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 17 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 17 Page - ams AG

Back Button AS5045 Datasheet HTML 13Page - ams AG AS5045 Datasheet HTML 14Page - ams AG AS5045 Datasheet HTML 15Page - ams AG AS5045 Datasheet HTML 16Page - ams AG AS5045 Datasheet HTML 17Page - ams AG AS5045 Datasheet HTML 18Page - ams AG AS5045 Datasheet HTML 19Page - ams AG AS5045 Datasheet HTML 20Page - ams AG AS5045 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
ams Datasheet
Page 17
[v2-01] 2017-Jul-13
Document Feedback
AS5045 − Detailed Description
Z-Axis Range Indication (Push Button Feature,
Red/Yellow/Green Indicator)
The AS5045 provides several options of detecting movement
and distance of the magnet in the Z-direction. Signal indicators
MagINCn and MagDECn are available both as hardware pins
(pins 1 and 2) and as status bits in the serial data stream.
Additionally, an OTP programming option is available with bit
MagCompEn (see Figure 23) that enables additional features.
In the default state, the status bits MagINC, MagDec and pins
MagINCn, MagDECn have the following function.
Figure 15:
Magnetic Field Strength Variation Indicator
Status Bits
Hardware Pins
OTP: Mag CompEn = 0 (default)
MagINC
MagDEC
MagINCn
MagDECn
Description
00
Off
Off
No distance change
Magnetic input field OK (in range, ~45mT to 75mT)
01
Off
On
Distance increase; pull-function. This state is
dynamic and only active while the magnet is
moving away from the chip.
10
On
Off
Distance decrease; push- function. This state is
dynamic and only active while the magnet is
moving towards the chip.
1
1
On
On
Magnetic field is ~<45mT or >~75mT. It is still
possible to operate the AS5045 in this range, but
not recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com