Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 15Page - Microchip Technology USB4715 Datasheet HTML 16Page - Microchip Technology USB4715 Datasheet HTML 17Page - Microchip Technology USB4715 Datasheet HTML 18Page - Microchip Technology USB4715 Datasheet HTML 19Page - Microchip Technology USB4715 Datasheet HTML 20Page - Microchip Technology USB4715 Datasheet HTML 21Page - Microchip Technology USB4715 Datasheet HTML 22Page - Microchip Technology USB4715 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00002514B-page 19
USB4715
5.1
Boot Sequence
5.1.1
STANDBY MODE
If the
RESET_N pin is asserted, the hub will be in Standby Mode. This mode provides a very low power state for maxi-
mum power efficiency when no signaling is required. This is the lowest power state. In Standby Mode all downstream
ports are disabled, the USB data pins are held in a high-impedance state, all transactions immediately terminate (no
states saved), all internal registers return to their default state, the PLL is halted, and core logic is powered down in order
to minimize power consumption. Because core logic is powered off, no configuration settings are retained in this mode
and must be re-initialized after
RESET_N is negated high.
5.1.2
SPI INITIALIZATION STAGE (SPI_INIT)
The first stage, the initialization stage, occurs on the deassertion of
RESET_N. In this stage, the internal logic is reset,
the PLL locks if a valid clock is supplied, and the configuration registers are initialized to their default state. The internal
firmware then checks for an external SPI ROM. The firmware looks for an external SPI flash device that contains a valid
signature of “2DFU” (device firmware upgrade) beginning at address 0xFFFA. If a valid signature is found, then the SPI
Firmware/external SPI ROM is enabled and the code execution begins at address 0x0000 in the external SPI device. If
a valid signature is not found, then execution continues from internal ROM (CFG_ROM stage).
When using an external SPI ROM, a minimum of 2.2 Mbit is required, and 60 MHz or faster SPI ROM must be used.
Both 1- and 2-bit SPI ROM are supported. For optimum throughput, a 2-bit SPI ROM is recommended. Both mode 0
and mode 3 SPI flashes are supported.
If the system is not strapped for SPI Mode, code execution will continue from internal ROM (CFG_ROM stage).
5.1.3
CONFIGURATION FROM INTERNAL ROM STAGE (CFG_ROM)
In this stage, the internal firmware loads the default values from the internal ROM. Most of the hub configuration regis-
ters, USB descriptors, electrical settings, etc. will be initialized in this state even when running from SPI.
5.1.4
CONFIGURATION STRAP READ STAGE (CFG_STRAP)
In this stage, the firmware reads the following configuration straps to override the default values:
• CONFIG_STRAP_[2:1]
•
PRT_DIS_P[4:1]
•
PRT_DIS_M[4:1]
•
CFG_NON_REM
•
CFG_BC_EN
If the
CONFIG_STRAP_[2:1] pins are set to Configuration 5, the device will move to the SMBUS_CHECK stage, other-
wise it move to the CFG_OTP stage. Refer to Section 3.3, "Configuration Straps and Programmable Functions" for infor-
mation on usage of the various device configuration straps.
5.1.5
SMBUS CHECK STAGE (SMBUS_CHECK)
Based on the
PROG_FUNC[8:1] configuration selected (refer to Section 3.3.4, "PROG_FUNC[8:1] Configuration (CON-
FIG_STRAP_[2:1])"), the firmware will check for the presence of external pull up resistors on the SMBus slave program-
mable function pins. If 10K pull-ups are detected on both pins, the device will be configured as an SMBus slave, and
the next state will be CFG_SOC. If a pull-up is not detected in either of the pins, the next state is CFG_OTP.
5.1.6
SOC CONFIGURATION STAGE (CFG_SOC)
In this stage, the SOC can modify any of the default configuration settings specified in the integrated ROM, such as USB
device descriptors, port electrical settings, and control features such as downstream battery charging.
In this stage the firmware will wait indefinitely for the SMBus/I2C configuration there is no time limit on this stage. The
external SMBus master writes to register 0xFF, to end the configuration in legacy mode. In non-legacy mode, the SMBus
command USB_ATTACH (opcode 0xAA55) or USB_ATTACH_WITH_SMBUS (opcode 0xAA56) will finish the configu-
ration.
5.1.7
OTP CONFIGURATION STAGE (CFG_OTP)
Once the SOC has indicated that it is done with configuration, all configuration data is combined in this stage. The
default data, the SOC configuration data, and the OTP data are all combined in the firmware and the device is pro-
grammed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com