Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 23 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 19Page - Microchip Technology USB4715 Datasheet HTML 20Page - Microchip Technology USB4715 Datasheet HTML 21Page - Microchip Technology USB4715 Datasheet HTML 22Page - Microchip Technology USB4715 Datasheet HTML 23Page - Microchip Technology USB4715 Datasheet HTML 24Page - Microchip Technology USB4715 Datasheet HTML 25Page - Microchip Technology USB4715 Datasheet HTML 26Page - Microchip Technology USB4715 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00002514B-page 23
USB4715
7.2
SMBus/I2C Master/Slave Interfaces
The USB4715 provides two independent SMBus/I2C controllers SMBus 1 and SMBus 2, which can be used to access
internal device run time registers or program the internal OTP memory. SMBus 1 is used as the USB to SMBus/I2C
bridge, and SMBus 2 is used as the slave interface. The device contains two 128 byte buffers to enable simultaneous
master/slave operation and to minimize firmware overhead in processed SMBus/I2C packets.
The SMBus 1 and SMBus 2 interfaces are assigned to programmable pins (
PROG_FUNC_x) and therefore the device
must be programmed into specific configurations to enable both interfaces. SMBus 1 is available in all
CON-
FIG_STRAP[1:2] settings. SMBus 2 is available only with specific CONFIG_STRAP[1:2] settings. Refer to Section
3.3.4, "PROG_FUNC[8:1] Configuration (CONFIG_STRAP_[2:1])" for additional information.
7.3
I2S Interface
The USB4715 provides an integrated I2S interface to facilitate the connection of digital audio devices. The I2S interface
conforms to the voltage, power, and timing characteristics/specifications as set forth in the I2S-Bus Specification, and
consists of the following signals:
•
I2S_SDIN: Serial Data Input
•
I2S_SDOUT: Serial Data Output
•
I2S_SCK: Serial Clock
•
I2S_LRCK: Left/Right Clock (SS/FSYNC)
•
I2S_MCLK: Master Clock
Each audio connection is half-duplex, so
I2S_SDOUT exists only on the transmit side and I2S_SDIN exists only on the
receive side of the interface. Some codecs refer to the Serial Clock (
I2S_SCK) as Baud/Bit Clock (BCLK). Also, the Left/
Right Clock is commonly referred to as LRC or LRCK. The I2S and other audio protocols refer to LRC as Word Select
(WS).
The following codec is supported by default:
• Analog Devices ADAU1961 (24-bit 96KHz)
7.3.1
MODES OF OPERATION
The USB audio class operates in three ways: Asynchronous, Synchronous and Adaptive. There are also multiple oper-
ating modes, such as hi-res, streaming, etc.. Typically for USB devices, inputs such as microphones are Asynchronous,
and output devices such as speakers are Adaptive. The hardware is set up to handle all three modes of operation. It is
recommended that the following configuration be used: Asynchronous IN; Adaptive OUT; 48Khz streaming mode; Two
channels: 16 bits per channel.
7.3.1.1
Asynchronous IN 48KHz Streaming
In this mode, the codec sampling clock is set to 48Khz based on the local oscillator. This clock is never changed. The
data from the codec is fed into the input FIFO. Since the sampling clock is asynchronous to the host clock, the amount
of data captured in every USB frame will vary. This issue is left for the host to handle. The input FIFO has two markers,
a low water mark (THRESHOLD_LOW_VAL), and a high water mark (THRESHOLD_HIGH_VAL). There are three reg-
isters to determine how much data to send back in each frame. If the amount of data in the FIFO exceeds the high water
mark, then HI_PKT_SIZE worth of data is sent. If the data is between the high and low water mark, the normal MID_P-
KT_SIZE amount of data is sent. If the data is below the low water mark, LO_PKT_SIZE worth of data is sent.
Note:
For SMBus/I2C timing information, refer to Section 9.6.5, "SMBus Timing" and Section 9.6.6, "I2C Timing".
Note:
For I2S timing information, refer to Section 9.6.7, "I2S Timing".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com