Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 32 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 28Page - Microchip Technology USB4715 Datasheet HTML 29Page - Microchip Technology USB4715 Datasheet HTML 30Page - Microchip Technology USB4715 Datasheet HTML 31Page - Microchip Technology USB4715 Datasheet HTML 32Page - Microchip Technology USB4715 Datasheet HTML 33Page - Microchip Technology USB4715 Datasheet HTML 34Page - Microchip Technology USB4715 Datasheet HTML 35Page - Microchip Technology USB4715 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
USB4715
DS00002514B-page 32
2022 Microchip Technology Inc. and its subsidiaries
9.3
Package Thermal Specifications
9.4
Power Consumption
This section details the power consumption of the device as measured during various modes of operation. Power dis-
sipation is determined by temperature, supply voltage, and external source/sink requirements.
Note:
The rise time for the 3.3V supply can be extended to 100ms max if RESET_N is actively driven low, typi-
cally by another IC, until 1 μs after all supplies are within operating range.
TABLE 9-1:
PACKAGE THERMAL PARAMETERS
Symbol
°C/W
Velocity (Meters/s)
JA
28
0
25
1
JB
15
0
JT
0.2
0
JC
2.4
0
Note:
Thermal parameters are measured or estimated for devices in a multi-layer 2S2P PCB per JESDN51.
TABLE 9-2:
DEVICE POWER CONSUMPTION
Description
Typical Current
(mA)
Maximum
Current (mA)
Reset Current (mA)
0.40
3.60
Suspend Current (mA)
0.40
3.60
Idle
56
67
Active Operation (4 Hi-Speed Devices)
148
167
Active Operation (1 Hi-Speed, 1 Full-Speed Device)
73
74
Active Operation (2 Hi-Speed, 2 Full-Speed Devices)
97
98
Active Operation (2 Hi-Speed, 1 Full-Speed Device)
96
97
Active Operation (1 Full-Speed Device)
57
58
Active Operation (4 Full-Speed Devices)
64
65
Active Operation (1 Hi-Speed Device)
73
74
Active Operation (2 Hi-Speed Devices)
102
103
Active Operation (3 Hi-Speed Devices)
122
123
Active Operation (FlexConnect enabled on 1 port, Hi-Speed
data transfer on 4 ports)
149
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com