Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 26 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 22Page - Microchip Technology USB4715 Datasheet HTML 23Page - Microchip Technology USB4715 Datasheet HTML 24Page - Microchip Technology USB4715 Datasheet HTML 25Page - Microchip Technology USB4715 Datasheet HTML 26Page - Microchip Technology USB4715 Datasheet HTML 27Page - Microchip Technology USB4715 Datasheet HTML 28Page - Microchip Technology USB4715 Datasheet HTML 29Page - Microchip Technology USB4715 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
USB4715
DS00002514B-page 26
2022 Microchip Technology Inc. and its subsidiaries
Feature Controller device.
•
Direct Pin Control: Any available GPIO pin on the hub can be assigned the role of a FlexConnect control pin.
For detailed information on utilizing the USB4715 FlexConnect feature, refer to the application note “AN2341 - USB4715
FlexConnect Operation”, which can be found on the Microchip USB4715 product page at www.microchip.com/
USB4715.
8.3
USB to GPIO Bridging
The USB to GPIO bridging feature of the USB4715 provides system designers expanded system control and potential
BOM reduction. General Purpose Input/Outputs (GPIOs) may be used for any general 3.3V level digital control and input
functions.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Set the direction of the GPIO (input or output)
• Enable a pull-up resistor
• Enable a pull-down resistor
• Read the state
• Set the state
For detailed information on utilizing the USB4715 USB to GPIO bridging feature, refer to the application note “AN2437
- USB to GPIO Bridging with Microchip USB4715 and USB49xx Hubs”, which can be found on the Microchip USB4715
product page at www.microchip.com/USB4715.
8.4
USB to SMBus/I2C Bridging
The USB to SMBus/I2C bridging feature of the USB4715 provides system designers expanded system control and
potential BOM reduction. The use of a separate USB to SMBus/I2C device is no longer required and a downstream USB
port is not lost, as occurs when a standalone USB to SMBus/I2C device is implemented.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Configure SMBus/I2C Pass-Through Interface
• SMBus/I2C Write
• SMBus/I2C Read
For detailed information on utilizing the USB4715 USB to SMBus/I2C bridging feature, refer to the application note
“AN2438 - USB to I2C Bridging with Microchip USB4715 and USB49xx Hubs”, which can be found on the Microchip
USB4715 product page at www.microchip.com/USB4715.
8.5
USB to SPI Bridging
The USB to SPI bridging feature of the USB4715 provides system designers expanded system control and potential
BOM reduction. The use of a separate USB to SPI device is no longer required and a downstream USB port is not lost,
as occurs when a standalone USB to SPI device is implemented.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Enable SPI Pass-Through Interface
• SPI Write/Read
• Disable SPI Pass-Through Interface
For detailed information on utilizing the USB4715 USB to SPI bridging feature, refer to the application note “AN2430 -
USB to SPI Bridging with Microchip USB4715 and USB49xx Hubs”, which can be found on the Microchip USB4715
product page at www.microchip.com/USB4715.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com