Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 38 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 34Page - Microchip Technology USB4715 Datasheet HTML 35Page - Microchip Technology USB4715 Datasheet HTML 36Page - Microchip Technology USB4715 Datasheet HTML 37Page - Microchip Technology USB4715 Datasheet HTML 38Page - Microchip Technology USB4715 Datasheet HTML 39Page - Microchip Technology USB4715 Datasheet HTML 40Page - Microchip Technology USB4715 Datasheet HTML 41Page - Microchip Technology USB4715 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
USB4715
DS00002514B-page 38
2022 Microchip Technology Inc. and its subsidiaries
Note 9-6
Frequency Deviation Over Time is also referred to as Aging.
Note 9-7
0 °C for commercial version, -40 °C for industrial and Grade 3 Automotive.
Note 9-8
+70 °C for commercial version, +85 °C for industrial and Grade 3 Automotive.
Note 9-9
This number includes the pad, the bond wire and the lead frame. PCB capacitance is not included
in this value. The
XTALI/CLK_IN pin, XTALO pin and PCB capacitance values are required to
accurately calculate the value of the two external load capacitors. These two external load capacitors
determine the accuracy of the 25.000 MHz frequency.
9.7.2
EXTERNAL REFERENCE CLOCK (
CLK_IN)
When using an external reference clock, the following input clock specifications are suggested:
• 25 MHz
• 50% duty cycle ±10%, ±100 ppm
• Jitter < 100 ps RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com