Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 6 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 6 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 2Page - Microchip Technology USB4715 Datasheet HTML 3Page - Microchip Technology USB4715 Datasheet HTML 4Page - Microchip Technology USB4715 Datasheet HTML 5Page - Microchip Technology USB4715 Datasheet HTML 6Page - Microchip Technology USB4715 Datasheet HTML 7Page - Microchip Technology USB4715 Datasheet HTML 8Page - Microchip Technology USB4715 Datasheet HTML 9Page - Microchip Technology USB4715 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
USB4715
DS00002514B-page 6
2022 Microchip Technology Inc. and its subsidiaries
2.0
INTRODUCTION
2.1
General Description
The Microchip USB4715 USB 2.0 Hi-Speed hub controller is a single-chip device targeted for automotive, industrial, and
commercial applications. Primary functions of the device include: multiple downstream USB ports supporting USB 2.0
Low Speed/Full Speed/Hi-Speed, single USB 2.0 Hi-Speed upstream connection to a USB host / OTG port, battery
charging support for BC1.2, Apple and China charging profiles, USB I/O bridging, and an on-chip microcontroller.
The USB4715 employs unique FlexConnect USB functionality, whereby one of the downstream ports can be reconfig-
ured to become an upstream port, allowing the host or master capability to be switched to equipment on any of the other
ports. This port/host becomes the master of the new USB bus, while the other ports can connect as USB devices, or
become dedicated charging ports.
The USB4715 is available in commercial (0°C to +70°C), industrial and Automotive Grade 3 (-40°C to +85°C) tempera-
ture ranges. An internal block diagram of the USB4715 is shown in Figure 2-1.
FIGURE 2-1:
INTERNAL BLOCK DIAGRAM
USB4715
25 MHz
3.3V
FlexHub Controller
Flex
Port 1
Flex
Port 2
Flex
Port 3
Flex
Port 4
USB
Flex USB 2.0
USB
USB
USB
Hub Feature
Controller
I/O Multiplexer
I
2C/I2S/SPI/
UART/GPIO
OTP
I/O
USB Host / OTG Port 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com