Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 7 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 3Page - Microchip Technology USB4715 Datasheet HTML 4Page - Microchip Technology USB4715 Datasheet HTML 5Page - Microchip Technology USB4715 Datasheet HTML 6Page - Microchip Technology USB4715 Datasheet HTML 7Page - Microchip Technology USB4715 Datasheet HTML 8Page - Microchip Technology USB4715 Datasheet HTML 9Page - Microchip Technology USB4715 Datasheet HTML 10Page - Microchip Technology USB4715 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00002514B-page 7
USB4715
3.0
PIN DESCRIPTIONS AND CONFIGURATION
The pin assignments for the USB4715 are detailed in Section 3.1, "USB4715 Pin Assignments". Pin descriptions are
provided in Section 3.2, "Pin Descriptions".
3.1
USB4715 Pin Assignments
The device pin diagram for the USB4715 can be seen in Figure 3-1. Table 3-1 provides a USB4715 pin assignments
table. Pin descriptions are provided in Section 3.2, "Pin Descriptions".
FIGURE 3-1:
USB4715 PIN ASSIGNMENTS
Note:
Configuration straps are identified by an underlined symbol name. Signals that function as configuration
straps must be augmented with an external resistor when connected to a load.
Ground Pad
(must be connected to VSS)
VDDPLLREF33
RBIAS
XTALI/CLK_IN
XTALO
TESTEN/ATEST
USBH_DP0
FLEX_USB_DM3/PRT_DIS_M3
USBH_DM0
FLEX_USB_DP3/PRT_DIS_P3
VDDIO33
SPI_DI/SQI_D1/CFG_BC_EN
SPI_DO/SQI_D0
SPI_CLK/SQI_CLK
SPI_CE_N/SQI_CE_N/CFG_NON_REM
VDDIO33
PRT_CTL2/OCS2
PRT_CTL1/OCS1
PRT_CTL3/OCS3
VDDCR12
PROG_FUNC8
PROG_FUNC1
TEST1
TEST2
TEST3
38
39
37
40
41
43
44
42
45
47
48
46
21
20
19
18
17
16
15
14
13
23
22
24
Microchip
USB4715
(Top View 48-VQFN)
Indicates pins on the bottom of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com