Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 6Page - Microchip Technology USB4715 Datasheet HTML 7Page - Microchip Technology USB4715 Datasheet HTML 8Page - Microchip Technology USB4715 Datasheet HTML 9Page - Microchip Technology USB4715 Datasheet HTML 10Page - Microchip Technology USB4715 Datasheet HTML 11Page - Microchip Technology USB4715 Datasheet HTML 12Page - Microchip Technology USB4715 Datasheet HTML 13Page - Microchip Technology USB4715 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
USB4715
DS00002514B-page 10
2022 Microchip Technology Inc. and its subsidiaries
SPI Chip
Enable
SPI_CE_EN
I/O4
Active low SPI chip enable input. If the SPI interface is
enabled, this pin must be driven high in powerdown
states.
Note:
If SPI interface is not utilized, this pin cannot
be left floating. It must be connected per the
CFG_NON_REM pin description.
SQI Interface Pins
SQI Clock
SQI_CLK
I/O4
SQI clock.
SQI Data 0-3
SQI_D[0:3]
I/O4
SQI Data 0-3. If the SQI interface is enabled, these sig-
nals function as Data 0 through 3.
SQI Chip
Enable
SQI_CE_EN
I/O4
Active low SQI chip enable input. If the SQI interface is
enabled, this pin requires an external pull-up resistor.
Note:
If SQI interface is not utilized, this pin cannot
be left floating. It must be connected per the
CFG_NON_REM pin description.
Miscellaneous
Programmable
Functions 8-1
PROG_FUNC[8:1]
I/O12
These selectable function pins can be assigned a role
via the
CONFIG_STRAP_[2:1] pins, OTP configuration,
or SMBus configuration. Refer to Section 3.3.4,
"PROG_FUNC[8:1] Configuration (CON-
FIG_STRAP_[2:1])" for additional information.
VBUS
Detection
VBUS_DET
I
This signal detects the state of the upstream bus power.
When designing a detachable hub, this pin must be con-
nected to the VBUS power pin of the upstream USB port
through a resistor divider (50 k
Ω by 100 kΩ) to provide
3.3 V.
For self-powered applications with a permanently
attached host, this pin must be connected to either 3.3 V
or 5.0 V through a resistor divider to provide 3.3 V.
In embedded applications,
VBUS_DET may be con-
trolled (toggled) when the host desires to renegotiate a
connection without requiring a full reset of the device.
Reset Input
RESET_N
I
This active low signal is used by the system to reset the
device. The active low pulse should be at least 1 s
wide.
Bias Resistor
RBIAS
I-R
A 12.0 k 1.0% resistor is attached from ground to this
pin to set the transceiver’s internal bias settings. Place
the resistor as close to the device as possible with a
dedicated, low impedance connection to the GND plane.
External 25 MHz
Crystal Input
XTALI
ICLK
External 25 MHz crystal input.
TABLE 3-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com