Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 43 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 43 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 39Page - Microchip Technology USB4715 Datasheet HTML 40Page - Microchip Technology USB4715 Datasheet HTML 41Page - Microchip Technology USB4715 Datasheet HTML 42Page - Microchip Technology USB4715 Datasheet HTML 43Page - Microchip Technology USB4715 Datasheet HTML 44Page - Microchip Technology USB4715 Datasheet HTML 45Page - Microchip Technology USB4715 Datasheet HTML 46Page - Microchip Technology USB4715 Datasheet HTML 47Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00002514B-page 43
USB4715
APPENDIX A: DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00002514B (01-13-22)
Section 9.1, Absolute Maximum
Ratings*
XTALI/CLK_IN with respect to ground value
updated to +3.6V
Section 9.2, Operating Conditions** XTALI/CLK_IN Voltage value updated to
-03V to VDDIO33
Section 9.5, DC Specifications
ICLK Type Input Buffer, High Input Level
value updated to VDDIO33
DS00002514B (10-12-21)
Table 9-3, "I/O DC Electrical Char-
acteristics"
Max value updated for “I Type Input Buffer”
and “IS Type Input Buffer”.
The following note removed below the table:
“0.42V for interfaces using open drain with
pull-ups to voltages up to 2.1V.
0.34V for interfaces using open drain with
pull-ups to voltages greater than 2.1V”
DS00002514A (09-07-17)
All
Initial Release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com