Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 4 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 4 Page - Microchip Technology

  USB4715 Datasheet HTML 1Page - Microchip Technology USB4715 Datasheet HTML 2Page - Microchip Technology USB4715 Datasheet HTML 3Page - Microchip Technology USB4715 Datasheet HTML 4Page - Microchip Technology USB4715 Datasheet HTML 5Page - Microchip Technology USB4715 Datasheet HTML 6Page - Microchip Technology USB4715 Datasheet HTML 7Page - Microchip Technology USB4715 Datasheet HTML 8Page - Microchip Technology USB4715 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
USB4715
DS00002514B-page 4
2022 Microchip Technology Inc. and its subsidiaries
1.2
Buffer Types
1.3
Pin Reset States
The pin reset state definitions are detailed in Table 1-3. Refer to Section 3.0, "Pin Descriptions and Configuration" for
details on individual pin reset states.
TABLE 1-2:
BUFFER TYPE DESCRIPTIONS
Buffer
Description
I
Input.
IS
Input with Schmitt trigger.
O4
Output buffer with 4mA sink and 4mA source.
O12
Output buffer with 12mA sink and 12mA source.
OD12
Open-drain output with 12mA sink.
PU
Internal pull-up. Unless otherwise noted in the pin description, internal pull-ups are
always enabled.
Internal pull-up resistors prevent unconnected inputs from floating. Do not rely on
internal resistors to drive signals external to the device. When connected to a load that
must be pulled high, an external resistor must be added.
PD
Internal pull-down. Unless otherwise noted in the pin description, internal pull-downs
are always enabled.
Internal pull-down resistors prevent unconnected inputs from floating. Do not rely on
internal resistors to drive signals external to the device. When connected to a load that
must be pulled low, an external resistor must be added.
ICLK
Crystal oscillator input pin.
OCLK
Crystal oscillator output pin.
I/O-U
Analog input/output defined in USB specification.
I-R
RBIAS.
A
Analog.
P
Power pin.
TABLE 1-3:
PIN RESET STATE LEGEND
Symbol
Description
A/P
Analog/Power Input
Z
Hardware disables output driver (high impedance)
PD-15k
Hardware enables internal 15kΩ pull-down
PD-67k
Hardware enables internal 67kΩ pull-down
PU-67k
Hardware enables internal 67kΩ pull-up
USB
USB line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com